Electronic Components Datasheet Search
  English  ▼

X  

2SC5646A Datasheet(PDF) 1 Page - ON Semiconductor

Part # 2SC5646A
Description  RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5646A Datasheet(HTML) 1 Page - ON Semiconductor

  2SC5646A Datasheet HTML 1Page - ON Semiconductor 2SC5646A Datasheet HTML 2Page - ON Semiconductor 2SC5646A Datasheet HTML 3Page - ON Semiconductor 2SC5646A Datasheet HTML 4Page - ON Semiconductor 2SC5646A Datasheet HTML 5Page - ON Semiconductor 2SC5646A Datasheet HTML 6Page - ON Semiconductor 2SC5646A Datasheet HTML 7Page - ON Semiconductor 2SC5646A Datasheet HTML 8Page - ON Semiconductor 2SC5646A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
71812 TKIM/31710AB TKIM TC-00002250 No. A1120-1/9
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SC5646A
RF Transistor
4V, 30mA, fT=12.5GHz, NPN Single SSFP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
•
Low-noise
: NF=1.5dB typ (f=2GHz)
•
High cut-off frequency : fT=10GHz typ (VCE=1V)
: fT=12.5GHz typ (VCE=3V)
•
Low-voltage operation
•
High gain
: ⏐S21e⏐
2=9.5dB typ (f=2GHz)
•
Ultrasmall, slim flat-lead package (1.4mm×0.8mm×0.6mm)
•
Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
9V
Collector-to-Emitter Voltage
VCEO
4V
Emitter-to-Base Voltage
VEBO
2V
Collector Current
IC
30
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7029A-002
Ordering number : ENA1120A
3
2
1
Product & Package Information
• Package
: SSFP
• JEITA, JEDEC
: SC-81
• Minimum Packing Quantity : 8,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
NF
TL
1 : Base
2 : Emitter
3 : Collector
SSFP
1
3
12
2
3
1.4
0 to 0.02
0.25
0.2
0.45
0.1
2SC5646A-TL-H


Similar Part No. - 2SC5646A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results

Similar Description - 2SC5646A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5231A ONSEMI-2SC5231A Datasheet
526Kb / 8P
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
55GN01FA ONSEMI-55GN01FA Datasheet
506Kb / 9P
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single SSFP
August, 2013
FH105A ONSEMI-FH105A Datasheet
479Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Dual MCP6
August, 2013
MCH3007 ONSEMI-MCH3007 Datasheet
403Kb / 12P
RF Transistor 12V, 30mA, fT=8GHz, NPN Single MCPH3
August, 2013
2SC5488A ONSEMI-2SC5488A Datasheet
462Kb / 7P
NPN Single SSFP RF Transistor
August, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com