Electronic Components Datasheet Search
  English  ▼

X  

2SC5646A Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC5646A
Description  RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5646A Datasheet(HTML) 3 Page - ON Semiconductor

  2SC5646A Datasheet HTML 1Page - ON Semiconductor 2SC5646A Datasheet HTML 2Page - ON Semiconductor 2SC5646A Datasheet HTML 3Page - ON Semiconductor 2SC5646A Datasheet HTML 4Page - ON Semiconductor 2SC5646A Datasheet HTML 5Page - ON Semiconductor 2SC5646A Datasheet HTML 6Page - ON Semiconductor 2SC5646A Datasheet HTML 7Page - ON Semiconductor 2SC5646A Datasheet HTML 8Page - ON Semiconductor 2SC5646A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC5646A
No. A1120-3/9
Ambient Temperature, Ta --
°C
PC -- Ta
Collector Current, IC -- mA
NF -- IC
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cre -- VCB
⏐S21e⏐
2 -- IC
Collector Current, IC -- mA
⏐S21e⏐
2 -- IC
Collector Current, IC -- mA
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- mA
f T -- IC
0
0
20
IT15434
40
60
100
80
120
50
150
100
200
1.0
0.5
1.0
1.5
IT15433
2.0
2.5
3.0
4.0
3.5
5.0
4.5
5
3
2
7
5
3
2
10
V
CE =3V
1V
f=2GHz
IT15429
IT15430
0.1
0.1
1.0
2
3
5
7
2
3
5
7
10
2
3
5
7
1.0
0.1
23
5
7
2
3
5
7
1.0
10
0.1
2
3
5
7
1.0
f=1MHz
f=1MHz
IT15431
IT15432
1.0
2
3
5
7
2
3
5
7
10
100
0
2
4
6
8
20
18
16
14
12
10
1.0
10
23
5
7
23
5
7
100
1
3
5
7
9
11
13
15
f=1GHz
VCE=3V
1V
VCE=3V
1V
f=2GHz
IT15427
IT15428
10
1.0
0.1
2
2
3
5
7
2
3
5
7
35
7
10
100
100
2
3
5
1000
7
2
3
5
7
1.0
23
5
7
10
23
5
7
100
1.0
2
3
5
2
3
5
7
10
VCE=3V
1V
VCE
=3V
1V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com