Electronic Components Datasheet Search
  English  ▼

X  

2SC5646A Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SC5646A
Description  RF Transistor 4V, 30mA, fT=12.5GHz, NPN Single SSFP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC5646A Datasheet(HTML) 4 Page - ON Semiconductor

  2SC5646A Datasheet HTML 1Page - ON Semiconductor 2SC5646A Datasheet HTML 2Page - ON Semiconductor 2SC5646A Datasheet HTML 3Page - ON Semiconductor 2SC5646A Datasheet HTML 4Page - ON Semiconductor 2SC5646A Datasheet HTML 5Page - ON Semiconductor 2SC5646A Datasheet HTML 6Page - ON Semiconductor 2SC5646A Datasheet HTML 7Page - ON Semiconductor 2SC5646A Datasheet HTML 8Page - ON Semiconductor 2SC5646A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SC5646A
No. A1120-4/9
S Parameters (Common emitter)
VCE=1V, IC=1mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.967
-13.5
2.360
164.5
0.050
74.0
0.982
-11.4
400
0.929
-26.2
2.289
150.8
0.093
67.5
0.933
-21.8
600
0.888
-36.3
1.944
138.2
0.128
58.3
0.878
-31.2
800
0.821
-51.9
2.239
128.0
0.156
50.6
0.819
-38.6
1000
0.773
-61.9
2.046
119.0
0.172
44.5
0.763
-45.2
1200
0.724
-72.5
1.952
110.3
0.190
39.5
0.717
-50.9
1400
0.662
-84.6
1.956
101.8
0.198
35.4
0.675
-56.1
1600
0.629
-91.8
1.777
95.0
0.204
31.7
0.642
-60.9
1800
0.589
-101.5
1.720
88.5
0.206
29.3
0.612
-65.0
2000
0.554
-110.4
1.649
82.4
0.208
27.2
0.589
-69.1
2200
0.537
-116.0
1.521
76.7
0.207
25.9
0.569
-73.0
2400
0.510
-124.3
1.473
71.7
0.207
24.8
0.555
-76.4
2600
0.496
-130.1
1.393
67.1
0.203
24.4
0.543
-80.2
2800
0.481
-136.1
1.328
62.6
0.201
24.2
0.533
-83.4
3000
0.468
-142.2
1.280
58.5
0.199
25.1
0.527
-86.8
VCE=1V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.826
-30.9
9.413
151.9
0.039
70.9
0.866
-27.2
400
0.679
-61.6
8.593
130.9
0.068
56.4
0.681
-44.5
600
0.576
-83.1
7.017
117.1
0.082
49.2
0.547
-55.2
800
0.485
-105.2
6.080
105.2
0.091
47.6
0.457
-61.3
1000
0.436
-120.0
5.151
97.1
0.098
48.0
0.398
-66.0
1200
0.408
-131.3
4.423
90.8
0.109
48.1
0.362
-69.5
1400
0.388
-140.8
3.896
85.3
0.115
49.4
0.331
-72.8
1600
0.376
-148.8
3.465
80.6
0.125
50.8
0.311
-76.1
1800
0.368
-155.4
3.122
76.4
0.132
51.6
0.297
-78.6
2000
0.363
-161.1
2.846
72.6
0.141
52.5
0.289
-81.8
2200
0.361
-166.5
2.621
68.8
0.150
53.6
0.280
-84.6
2400
0.358
-171.3
2.426
65.4
0.160
54.1
0.276
-87.5
2600
0.358
-175.7
2.262
62.1
0.171
54.7
0.273
-90.5
2800
0.357
-179.9
2.125
58.9
0.181
54.9
0.271
-93.3
3000
0.356
176.4
2.003
56.1
0.190
55.7
0.271
-96.4
VCE=1V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
200
0.680
-49.0
14.963
141.8
0.037
61.7
0.745
-37.5
400
0.504
-91.9
11.934
117.7
0.051
54.2
0.514
-55.1
600
0.426
-116.8
8.944
104.8
0.064
52.9
0.393
-63.2
800
0.389
-133.6
7.032
96.3
0.073
55.8
0.324
-68.3
1000
0.371
-145.4
5.768
90.2
0.083
57.7
0.282
-71.5
1200
0.362
-154.0
4.888
85.2
0.094
59.1
0.255
-74.0
1400
0.356
-161.3
4.240
80.8
0.105
60.4
0.239
-77.0
1600
0.352
-166.8
3.750
76.8
0.116
60.2
0.226
-79.4
1800
0.354
-172.1
3.363
73.2
0.128
61.2
0.221
-82.9
2000
0.353
-176.4
3.059
69.8
0.139
62.3
0.215
-86.1
2200
0.353
179.5
2.804
66.5
0.151
61.9
0.211
-88.9
2400
0.354
175.8
2.592
63.4
0.163
62.0
0.210
-91.8
2600
0.357
172.4
2.417
60.5
0.176
62.0
0.210
-95.3
2800
0.357
169.1
2.263
57.5
0.187
62.0
0.212
-98.4
3000
0.357
166.1
2.133
54.8
0.200
61.4
0.215
-101.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com