Electronic Components Datasheet Search
  English  ▼

X  

LP28012 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP28012
Description  Programmable Charge Current Up to 1200mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28012 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

Back Button LP28012 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 9Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Preliminary Datasheet
LP28012
LP28012 – 00
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 7 of 10
states—this method is discussed in the Applications Information
section.
Function
STAT1(pin2)
STAT2(pin3)
Charging
Low
High
Charge END
High
Low
Thermal Limiting
An internal thermal feedback loop reduces the ISET rammed
charge current if the die temperature attempts to rise above a
preset value of approximately 120°C. This feature protects the
LP28012 from excessive temperature and allows the user to
push the limits of the power handling capability of a given circuit
board without risk of damaging the LP28012. The charge
current can be set according to typical (not worst-case) ambient
temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.
TDFN power considerations are discussed further in the
Applications Information section.
Under voltage Lockout (UVLO)
An internal under voltage lockout circuit monitors the input
voltage and keeps the charger in shutdown mode until VCCrises
above the under voltage lockout threshold. The UVLO circuit
has a built-in hysteresis of 200mV. Furthermore, to protect
against reverse current in the power MOSFET, the UVLO circuit
keeps the charger in shutdown mode if VCC falls to within 30mV
of the battery voltage. If the UVLO comparator is tripped, the
charger will not come out of shutdown mode until VCC rises
100mV above the battery voltage.
Manual Shutdown
At any point in the charge cycle, the LP28012 can be put into
shutdown mode by removing RISET thus floating the ISET pin.
This reduces the battery drain current to less than 2µA and the
supply current to less than 50µA. A new charge cycle can be
initiated by reconnecting the ISETram resistor.
In manual shutdown, the STAT pin is in a weak pull-down state
as long as VCC is high enough to exceed the UVLO conditions.
The STAT pin is in a high impedance state if the LP28012 is in
under voltage lockout mode: either VCC is within 100mV of the
BAT pin voltage or insufficient voltage is applied to the VCC pin.
Automatic Recharge
Once the charge cycle is terminated, the LP28012 continuously
monitors the voltage on the BAT pin using a comparator with a
2ms filter time (tRECHARGE). A charge cycle restarts when the
battery voltage falls below 4.05V (which corresponds to
approximately 80% to 90% battery capacity). This ensures that
the battery is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations. STAT
output enters a strong pull-down state during recharge cycles.
Power Dissipation
The conditions that cause the LP28012 battery charger to
reduce charge current through thermal feedback can be
approximated by considering the total power dissipated in
the IC. For high charge currents, the LP28012 power
dissipation is approximately:
Where PD is the total power dissipated within the IC, ADP is
the input supply voltage, VBAT is the battery voltage, IBAT is
the charge current and PD_BUCK is the power dissipation due
to the regulator. PD_BUCK can be calculated as:
Where VOUTB is the regulated output of the switching
regulator, IOUTB is the regulator load and is the regulator
efficiency at that particular load.
It is not necessary to perform worst-case power dissipation
scenarios because the LP28012 will automatically reduce
the charge current to maintain the die temperature at
approximately 125°C. However, the approximate ambient
temperature at which the thermal feedback begins to protect
the IC is:



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com