Electronic Components Datasheet Search
  English  ▼

X  

LP28012 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28012
Description  Programmable Charge Current Up to 1200mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28012 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28012 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Datasheet
LP28012
LP28012 – 00
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Function Block Diagram
8
2
3
6
5
10
1
SCHMITT
CE
CA
MA
VA
C1
C2
C3
REF
1.22V
STAT1
STAT2
SHDN
TO BAT
2.9V
VCC
3μA
R3
1V
R4
0.1V
R5
SET
SET
GND
R2
R1
BAT
VCC
5μA
1200X
1X
+
+
+
+
+
+
-
-
-
-
-
-
Absolute Maximum Ratings
Input Voltage to GND (VIN) ------------------------------------------------------------------------------- 3.9V to 7V
BAT, ISET, STAT (VX) -----------------------------------------------------------------------------0.3V to VIN+0.3V
BAT Short-Circuit Duration ------------------------------------------------------------------------------ Continuous
BAT Pin Current ---------------------------------------------------------------------------------------------- 1200mA
Maximum Junction Temperature ------------------------------------------------------------------------------ 125°C
Operating Junction Temperature Range (TJ) ----------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) ----------------------------------------------------- 260°C
Thermal Information
Maximum Power Dissipation (PD,TA<40°C) ----------------------------------------------------------------- 1.5W
Thermal Resistance (JA) -----------------------------------------------------------------------------------------46℃/W
LP28012



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com