Electronic Components Datasheet Search
  English  ▼

X  

LP28012 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28012
Description  Programmable Charge Current Up to 1200mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28012 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28012 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28012 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP28012
LP28012 – 00
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
General Description
The LP28012 is a complete constant-current/ constant
voltage linear charger for single cell lithium-ion
batteries. Its ESOP8 package and low external
component count make the LP28012 ideally suited for
portable applications. No external sense resistor is
needed, and no blocking diode is required due to the
internal MOSFET architecture. Thermal feedback
regulates the charge current to limit the die
temperature during high power operation or high
ambient temperature. The charge voltage is fixed at
4.2V, and the charge current can be ISET rammed
externally with a single resistor. The LP28012
automatically terminates the charge cycle when the
charge current drops to 1/10th the ISET rammed value
after the final float voltage is reached.
When the input supply is removed, the LP28012
automatically enters a low current state, dropping the
battery drain current to less than 4µA.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination and the presence of an
input voltage.
Order Information
1.2A Single-chip Li-ion and Li-POL Charge
LP28012
□ □
F: Pb-Free
Package Type
QV: TDFN-10
Applications
Portable Media Players/Game
Power Bank
PDA/MID
Bluetooth Applications
Features
Very Low Power Dissipation
Short-circuit protection
Programmable Charge Current Up to 1200mA
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
8µA Supply Current in Shutdown
Drainage Charge Current Thermal Regulation
Status Outputs for LED or System Interface
Indicates Charge and Fault Conditions
Consumption Available in TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
ICHARG=1000/Rset
Marking Information
Device
Marking Package
Shipping
LP28012
LPS
LP28012
XXXX
QV:TDFN-10 3K/REEL
2K
BATTERY
VIN
10uF
1uF
Rset
LP28012
STAT1
2
GND
5
STAT2
3
VIN
1
BATT
10
EN
8
ISET
6


Similar Part No. - LP28012

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28010 POWER-LP28010 Datasheet
770Kb / 12P
Single-Chip, Li-Ion/Polymer Battery Charge Manager
LP28011 POWER-LP28011 Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28011-QVF POWER-LP28011-QVF Datasheet
438Kb / 10P
1A Single-chip Li-ion and Li-POL Charge with OVP
LP28013 POWER-LP28013 Datasheet
492Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
LP28013A POWER-LP28013A Datasheet
373Kb / 7P
1A Single Chip Li-Ion and Li-Polymer Charger
More results

Similar Description - LP28012

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-IZ AIMTEC-AMLD-IZ Datasheet
281Kb / 8P
Up to 1200mA | LED Driver
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
AIMTEC
AMER50N-Z AIMTEC-AMER50N-Z Datasheet
517Kb / 5P
up to 1200mA | AC-DC LED driver
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
logo
SHOUDING Shouding Semic...
SD4056 SHOUDING-SD4056 Datasheet
383Kb / 16P
High capacity of up to 1000 mA programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com