Electronic Components Datasheet Search
  English  ▼

X  

ECH8501 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ECH8501
Description  Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8501 Datasheet(HTML) 5 Page - ON Semiconductor

  ECH8501 Datasheet HTML 1Page - ON Semiconductor ECH8501 Datasheet HTML 2Page - ON Semiconductor ECH8501 Datasheet HTML 3Page - ON Semiconductor ECH8501 Datasheet HTML 4Page - ON Semiconductor ECH8501 Datasheet HTML 5Page - ON Semiconductor ECH8501 Datasheet HTML 6Page - ON Semiconductor ECH8501 Datasheet HTML 7Page - ON Semiconductor ECH8501 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ECH8501
No. A1581-5/8
IT15634
--0.01
2
3
57
2
3
57
2
3
57
--0.1
--1.0
--10
100
5
7
2
3
5
7
2
3
0.01
23
5 7
23
5 7
23
5 7
0.1
1.0
10
100
5
7
2
3
5
7
2
3
VCE= --10V
[PNP]
IT15635
VCE=10V
[NPN]
fT -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- A
[PNP/NPN]
[PNP/NPN]
2
3
5
7
2
3
5
7
2
3
5
7
2
3
5
7
0.1
1.0
10
0.01
23
5 7
23
5 7
23
5 7
2 3
5
0.01
0.1
1.0
10
IT15636
1ms
10ms
100ms
DC
operation
ICP=30A
IC=5A
≤1μs
100μs
Collector-to-Emitter Voltage, VCE -- V
A S O
Ta=25°C
Single pulse
For PNP, minus sign is omitted.
PC -- Ta
Ambient Temperature, Ta -- °C
0
1.8
1.6
1.0
1.2
1.4
1.3
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
IT15457
Total
Dissipation
1unit
When mounted on ceramic substrate
(900mm2×0.8mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com