Electronic Components Datasheet Search
  English  ▼

X  

ECH8501 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ECH8501
Description  Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8501 Datasheet(HTML) 1 Page - ON Semiconductor

  ECH8501 Datasheet HTML 1Page - ON Semiconductor ECH8501 Datasheet HTML 2Page - ON Semiconductor ECH8501 Datasheet HTML 3Page - ON Semiconductor ECH8501 Datasheet HTML 4Page - ON Semiconductor ECH8501 Datasheet HTML 5Page - ON Semiconductor ECH8501 Datasheet HTML 6Page - ON Semiconductor ECH8501 Datasheet HTML 7Page - ON Semiconductor ECH8501 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
53012 TKIM/72110EA TKIM TC-00002441 No. A1581-1/8
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
ECH8501
Bipolar Transistor
(–)30V, (–)30A, Low VCE(sat) Complementary Dual ECH8
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Ordering number : ENA1581A
Features
•
Composite type, facilitating high-density mounting
•
Mounting height 0.9mm
•
Low collector-to-emitter saturation voltage
NPN : VCE(sat)=0.075V(typ.)@IC=2.5A
PNP : VCE(sat)= --0.1V(typ.)@IC= --2.5A
•
Halogen free compliance
Specifications ( ): PNP
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--30)40
V
Collector-to-Emitter Voltage
VCEO
(--)30
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)5
A
Collector Current (Pulse)
ICP
PW≤1μs, duty cycle≤1%
(--)30
A
Base Current
IB
(--)600
mA
Collector Dissipation
PC
When mounted on ceramic substrate (900mm2×0.8mm) 1unit
1.3
W
Total Dissipation
PT
When mounted on ceramic substrate (900mm2×0.8mm)
1.6
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7011A-007
Product & Package Information
• Package
: ECH8
• JEITA, JEDEC
: -
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
876
5
123
4
MA
LOT No.
1 : Emitter(NPN TR)
2 : Base(NPN TR)
3 : Emitter(PNP TR)
4 : Base(PNP TR)
5 : Collector(PNP TR)
6 : Collector(PNP TR)
7 : Collector(NPN TR)
8 : Collector(NPN TR)
ECH8
1
4
85
0.15
0 to 0.02
0.65
2.9
0.3
Top View
Bottom View
TL
ECH8501-TL-H


Similar Part No. - ECH8501

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
ECH8501 SANYO-ECH8501 Datasheet
427Kb / 5P
PNP/NPN Epitaxial Planar Silicon Transistors Gate Drive Applications
logo
ON Semiconductor
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results

Similar Description - ECH8501

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH5520 ONSEMI-CPH5520 Datasheet
349Kb / 8P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
September, 2013
CPH6538 ONSEMI-CPH6538 Datasheet
526Kb / 6P
Bipolar Transistor 30V, 0.7A, Low VCE(sat) NPN Dual CPH6
August, 2013
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
MCH6541 ONSEMI-MCH6541 Datasheet
578Kb / 8P
Bipolar Transistor (-)30V, (-)3A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com