Electronic Components Datasheet Search
  English  ▼

X  

ECH8501 Datasheet(PDF) 4 Page - ON Semiconductor

Part # ECH8501
Description  Bipolar Transistor (-)30V, (-)30A, Low VCE(sat) Complementary Dual ECH8
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ECH8501 Datasheet(HTML) 4 Page - ON Semiconductor

  ECH8501 Datasheet HTML 1Page - ON Semiconductor ECH8501 Datasheet HTML 2Page - ON Semiconductor ECH8501 Datasheet HTML 3Page - ON Semiconductor ECH8501 Datasheet HTML 4Page - ON Semiconductor ECH8501 Datasheet HTML 5Page - ON Semiconductor ECH8501 Datasheet HTML 6Page - ON Semiconductor ECH8501 Datasheet HTML 7Page - ON Semiconductor ECH8501 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ECH8501
No. A1581-4/8
IT15678
--0.01
23
5 7 --0.1
23
5 7
23
5 7
--1.0
--10
--100
2
3
2
3
5
7
3
5
7
--10
0.01
23
5 7 0.1
23
5 7
23
5 7
1.0
10
100
2
3
2
3
5
7
3
5
7
10
Ta=75
°C
--25
°C
25°
C
IC / IB=20
Ta=75
°C
--2
5°C
25°
C
[PNP]
IT15679
IC / IB=20
[NPN]
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
IT15628
Ta=75
°C
--25
°C
25°
C
IC / IB=50
[PNP]
IT15680
IC / IB=50
[NPN]
IT15632
--1.0
100
--10
2
3
5
7
2
3
5
2
3
2
3
5
7
f=1MHz
[PNP]
IT15633
2
100
10
7
3
5
1.0
10
23
5
2
3
5
7
f=1MHz
[NPN]
IT15630
Ta= --25°C
75°C
25°C
IC / IB=20
[PNP]
IT15631
1.0
3
2
3
2
5
7
IC / IB=20
75°C
Ta= --25°C
25°C
[NPN]
--0.01
23
5 7 --0.1
23
5 7
23
5 7
--1.0
--10
--100
2
3
5
7
2
3
5
7
7
--10
0.01
23
5 7 0.1
2
3
57
2
3
57
1.0
10
0.01
23
5 7 0.1
23
5 7
23
5 7
1.0
10
--1.0
3
2
3
2
5
7
--0.01
23
5 7 --0.1
23
5 7
23
5 7
--1.0
--10
100
2
3
2
3
5
7
7
10
Ta=75
°C
--2
5°C
25°
C
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com