Electronic Components Datasheet Search
  English  ▼

X  

LV5686PVC Datasheet(PDF) 5 Page - ON Semiconductor

Part # LV5686PVC
Description  Multi-Power Supply IC for Car Audio Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5686PVC Datasheet(HTML) 5 Page - ON Semiconductor

  LV5686PVC Datasheet HTML 1Page - ON Semiconductor LV5686PVC Datasheet HTML 2Page - ON Semiconductor LV5686PVC Datasheet HTML 3Page - ON Semiconductor LV5686PVC Datasheet HTML 4Page - ON Semiconductor LV5686PVC Datasheet HTML 5Page - ON Semiconductor LV5686PVC Datasheet HTML 6Page - ON Semiconductor LV5686PVC Datasheet HTML 7Page - ON Semiconductor LV5686PVC Datasheet HTML 8Page - ON Semiconductor LV5686PVC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
LV5686PVC
No.A2122-5/14
Electrical Characteristics (3)
at Ta = 25°C, VCC = 14.4V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
BATT.DET output: VCC voltage detection
BATT.DET output voltage
Voff
IOL = 1mA, undetected.
0.3
0.4
V
BATT.DET output voltage
Von
IOH = -1mA, Under-voltage1
VDD-0.4
VDD-0.3
V
Under-voltage
detect threshold1
VthL1
VCC falling, BATT.DET: ”Hi-Z” → ”Hi”
6.3
6.5
6.7
V
Under-voltage
release threshold1
VthL1r
VCC rising
6.8
7.0
7.2
V
Under-voltage1
Hysteresis
Vuv1hys
0.4
0.5
0.6
V
Under-voltage
detect threshold2
VthL2
VCC falling, BATT.DET: ”Lo” → ”Hi-Z”
9.25
9.5
9.75
V
Under-voltage
release threshold2
VthL2r
VCC rising
9.75
10
10.25
V
Under-voltage2
Hysteresis
Vuv2hys
0.4
0.5
0.6
V
Over-voltage
detect threshold
VthH
VCC rising, BATT.DET: ”Lo” → ”Hi-Z”
17
18
19
V
Over-voltage
release threshold
VthHr
VCC falling
16.5
17.5
18.5
V
Over-voltage
Hysteresis
Vovhys
0.4
0.5
0.6
V
Overvoltage shutdown
Vovp
no hysteresis
22.5
25
27.5
V
*VCC voltage detection & over-voltage shutdown
25V
18V
17.5V
10V
9.5V
7V
6.5V
VCC
Hi-Z
OUTPUT
H
Hi-Z
L
OFF
ON
BATT.DET
(PIN4)
Normal operation
Over-voltage
Over-voltage shutdown
Status
Under-voltage2
Under-voltage1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com