Electronic Components Datasheet Search
  English  ▼

X  

LV5686PVC Datasheet(PDF) 4 Page - ON Semiconductor

Part # LV5686PVC
Description  Multi-Power Supply IC for Car Audio Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5686PVC Datasheet(HTML) 4 Page - ON Semiconductor

  LV5686PVC Datasheet HTML 1Page - ON Semiconductor LV5686PVC Datasheet HTML 2Page - ON Semiconductor LV5686PVC Datasheet HTML 3Page - ON Semiconductor LV5686PVC Datasheet HTML 4Page - ON Semiconductor LV5686PVC Datasheet HTML 5Page - ON Semiconductor LV5686PVC Datasheet HTML 6Page - ON Semiconductor LV5686PVC Datasheet HTML 7Page - ON Semiconductor LV5686PVC Datasheet HTML 8Page - ON Semiconductor LV5686PVC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LV5686PVC
No.A2122-4/14
Electrical Characteristics (2)
at Ta = 25°C, VCC = 14.4V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
AUDIO output 9.0V -ON ; EN =
⎡M⎦, ⎡H⎦
AUDIO output voltage
VO3
IO3 = 400mA
8.55
9.0
9.45
V
AUDIO output current
IO3
VO3 > 8.5V
500
mA
Line regulation
ΔVOLN3
11.5V
< VCC < 16V, IO3 = 400mA
40
80
mV
Load regulation
ΔVOLD3
1mA
< IO3 < 400mA
70
140
mV
Dropout voltage
VDROP3
IO3 = 200mA
0.6
1.0
V
Ripple rejection
RREJ3
f = 120Hz, IO3 = 200mA
45
60
dB
AMP Remote-ON ; EN =
⎡H⎦
Output voltage
VO4
IO4 = 300mA
VCC-1.8
VCC-1.0
V
Output current
IO4
VO4 ≥ VCC-1.8
300
mA
ANT Remote-ON ; CTRL2 =
⎡M⎦, ⎡H⎦
Output voltage
VO5
IO5 = 300mA
VCC-1.8
VCC-1.0
V
Output current
IO5
VO5 ≥ VCC-1.8
300
mA
EXT1-ON ; EN =
⎡M⎦, ⎡H⎦
Output voltage
VO6
IO6 = 500mA
VCC-1.8
VCC-1.0
V
Output current
IO6
VO6 ≥ VCC-1.8
500
mA
EXT2-ON ; CTRL1 =
⎡M⎦, ⎡H⎦
Output voltage
VO7
IO7 = 500mA
VCC-1.8
VCC-1.0
V
Output current
IO7
VO7 ≥ VCC-1.8
500
mA
EXT3-ON ; CTRL2 =
⎡H⎦
Output voltage
VO8
IO8 = 350mA
VCC-1.8
VCC-1.0
V
Output current
IO8
VO8 ≥ VCC-1.0
350
mA
EXT4-ON ; CTRL1 =
⎡H⎦
Output voltage
VO9
IO9 = 500mA
VCC-1.8
VCC-1.0
V
Output current
IO9
VO9 ≥ VCC-1.8
500
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com