Electronic Components Datasheet Search
  English  ▼

X  

LV5686PVC Datasheet(PDF) 10 Page - ON Semiconductor

Part # LV5686PVC
Description  Multi-Power Supply IC for Car Audio Systems
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV5686PVC Datasheet(HTML) 10 Page - ON Semiconductor

Back Button LV5686PVC Datasheet HTML 6Page - ON Semiconductor LV5686PVC Datasheet HTML 7Page - ON Semiconductor LV5686PVC Datasheet HTML 8Page - ON Semiconductor LV5686PVC Datasheet HTML 9Page - ON Semiconductor LV5686PVC Datasheet HTML 10Page - ON Semiconductor LV5686PVC Datasheet HTML 11Page - ON Semiconductor LV5686PVC Datasheet HTML 12Page - ON Semiconductor LV5686PVC Datasheet HTML 13Page - ON Semiconductor LV5686PVC Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LV5686PVC
No.A2122-10/14
Continued from preceding page.
Pin No.
Pin name
Description
Equivalent Circuit
5
VDD
VDD output,
5.0V/0.3A
140k
Ω
420k
Ω
7
14
VCC
GND
5
6
8
10
EN
CTRL1
CTRL2
Control input
3-value input
85k
Ω
165k
Ω
140k
Ω
10k
Ω
7
14
VCC
GND
0.5V
6
8
10
7
VCC
Power supply
7
14
VCC
GND
9
AUDIO
AUDIO output
When EN = M or H,
AUDIO is ON
9V/0.5A
45k
Ω
279k
Ω
7
14
VCC
GND
9
11
EXT2
EXT2 output
When CTRL1 = M or H,
EXT2 is ON
VCC-1V/500mA
7
14
VCC
GND
5k
Ω
100k
Ω
11
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com