Electronic Components Datasheet Search
  English  ▼

X  

LP78090 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP78090
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78090 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP78090 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 9Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary Datasheet
LP78090
LP78090 – 00
Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 10
Application Information
The LP78090 is a linear switching charger IC with smart power
path management integrated for powering the system and
charging a single cell lithium-ion battery simultaneously. It can
deliver up to 1000mA of charge current (using a good thermal
PCB layout) with a final float voltage accuracy of ±1%. The
LP78090 includes an internal P-channel power MOSFET and
thermal regulation circuitry. No blocking diode or external
current sense resistor is required; thus, the basic application
circuit requires only four external components. Furthermore, the
LP78090 is capable of operating from a USB power source,
500mA for USB 2.0 and 850mA for USB3.0 with resistor change
on ISET pin.
It has precious average input current limit and average current
limit form battery to system, to make maximum use of the
allowable input power. And LP78090 would give priority to
ensuring the system load approximately up to 2.4A, which
contains 1.2A form VIN and 1.2A form battery. LP78090 will
reduce charging current or even power from battery to satisfy
the system load when its demand is over the input current limit.
In low system load situation, the remaining current is supply for
charger programmed by an external resistor connected from
ISET pin to GND. The device would reduce the charge current
when the die temperature exceeds 120℃.
Two 130mΩ MOSFET integrated work as an ideal diode to
connecting the battery and VIN to the system load, and one of
this two MOSFET will turn on allowing the battery to power up
the system when the input is removed with circuit in page 3.
SYS Pin Voltage Switch
The voltage on the SYS pin is set by the SC voltage, VIN
voltage and battery voltage. VIN<4.3V condition, voltage power
for system always keeps with battery voltage. 4.3V < VIN
condition, voltage power for system always keeps with VIN
voltage
Current Limit
The current limit regulate in two directions: from VIN to system
and from battery to system, each one is limited to 1.2A. When
the system load needs the current above 1.2A, LP78090 would
divert part of charge current to system. And the device would
power system from VIN and battery when the system current is
more than charge current plus 1.2A.
Normal Charge Cycle
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level and a 1% ISET ram resistor is
connected from the ISET pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than 2.9V,
the charger enters trickle charge mode. In this mode, the
LP78090 supplies approximately 1/10 the ISET rammed charge
current to bring the battery voltage up to a safe level for full
current charging.
When the BAT pin voltage rises above 2.9V, the charger enters
constant-current mode, where the ISET rammed charge current
is supplied to the battery. When the BAT pin approaches the
final float voltage (4.2V), the LP78090 enters constant-voltage
mode and the charge current begins to decrease. When the
charge current drops to 1/10 of the ISET rammed value, the
charge cycle ends.
ISET ramming Charge Current
The charge current is ISET rammed using a single resistor from
the ISET pin to ground. The battery charge current is 500 times
the current out of the ISET pin. The ISET ram resistor and the
charge current are calculated using the following equations:
LP78090:
RSET=1200V/ICHG,ICHG= 1200V/RSET
The charge current out of the BAT pin can be determined at any
time by monitoring the ISET pin voltage using the following
equation:
IBAT= VSET x 600/RSET
Note: Vset is 2Volts.
Charge Termination
When charging, transient loads on the BAT pin can cause the
ISET pin to fall below 200mV for short periods of time before the
DC charge current has dropped to 1/10th the ISET rammed
value. The 1ms filter time (t
TERM) on the termination comparator
ensures that transient loads of this nature do not result in
premature charge cycle termination. Once the average charge
current drops below 1/10th the ISET rammed value, the
LP78090 terminates the charge cycle and ceases to provide
any current through the BAT pin. In this state, all loads on the
BAT pin must be supplied by the battery.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com