Electronic Components Datasheet Search
  English  ▼

X  

LP78090 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP78090
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78090 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP78090 Datasheet HTML 1Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP78090
LP78090 – 00
Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 10
Smart Charger With Power Path
General Description
The LP78090 is a monolithic linear battery charger
whit smart power path switch for single-cell Li-ion
batteries in a wide range of tablet and other portable
devices. It integrates a linear regulated voltage for
power the system and charging the battery at the
same time. This device supports both USB and high
power DC adapter input. Its charger is a complete
constant-current constant voltage linear charger with
adjustable charge current up to 1000mA. No external
sense resistor is needed, and no blocking diode is
required due to the internal MOSFET architecture.
Thermal feedback regulates the charge current to limit
the die temperature during high power operation or
high ambient temperature. The charge voltage is fixed
at 4.2V, and the charge current can be ISET rammed
externally
with
a
single
resistor.
The
charger
automatically terminates the charge cycle when the
charge current drops to 1/10th the ISET rammed value
after the final float voltage is reached. When the input
supply (wall adapter or USB supply) is removed, the
LP78090 automatically enters a low current state,
dropping the battery drain current to less than 15µA.
When connecting a high power DC adapter, the smart
power path management allows LP78090 power the
system with VIN voltage or BAT voltage by switching
the voltage level on SC pin and charge the battery
simultaneously.
This
allows
immediate
system
operation
even
under
moving
away
or
deeply
discharged battery. When the input current limit is
reached, the voltage applied on the SYS pin would pull
down to the battery voltage making the charge current
decrease. If the current out of SYS pin is more than
charge current plus 1200mA, LP78090 with turn power
adapter and battery support the system load together.
The LP78090 provides an internal path from battery to
system in the event the input is removed.
Other features include charge current monitor, under
voltage lockout, automatic recharge and a status pin to
indicate charge termination and the presence of an
input voltage.
Order Information
LP78090
□ □ □
F: Pb-Free
Features
Programmable Charge Current Up to 1000mA
Smart Power Path Management
No MOSFET, Sense Resistor or Blocking Diode
Required
Constant-Current/Constant-Voltage Operation
with Thermal Regulation to Maximize Charge
Rate Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
15µA Leakage Current in Shutdown
Charging Operation and Charge Complete
Indicator
Thermal Limiting Regulation on Chip
Internal Soft Start Function
Built-in Short-Circuit Protection
Consumption Available in TDFN-10 Package
RoHS Compliant and 100% Lead (Pb)-Free
Marking Information
Applications
MID/Pad
Automobile Data Recorder or Event Data
Recorder
Power Bank
Smart
Phone
Bluetooth Applications
Device
Marking
Package
Shipping
LP78090QVF
QV:TDFN10
3K/REEL
Package Type
QV:TDFN-10


Similar Part No. - LP78090

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
More results

Similar Description - LP78090

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
Up to 1000mA | LED Driver
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Advanced Monolithic Sys...
TC4056A ADMOS-TC4056A Datasheet
1Mb / 18P
Up 1000mA Programmable charge current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com