Electronic Components Datasheet Search
  English  ▼

X  

LP78090 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP78090
Description  Programmable Charge Current Up to 1000mA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP78090 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP78090 Datasheet HTML 2Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 3Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 4Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 5Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 6Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 7Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 8Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 9Page - Lowpower Semiconductor inc LP78090 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Preliminary Datasheet
LP78090
LP78090 – 00
Version 1.0
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 10
The LP78090 constantly monitors the BAT pin voltage in
standby mode. If this voltage drops below the 4.05V recharge
threshold (V
RESTAT), another charge cycle begins and current is
once again supplied to the battery. To manually restart a charge
cycle when in standby mode, the input voltage must be
removed and reapplied, or the charger must be shut down and
restarted using the ISET pin. Figure 2 shows the state diagram
of a typical charge cycle.
Charge Status Indicator
The charge status output has two different states: strong
pull-down (~10mA) and high impedance. The strong pull-down
state indicates that the LP78090 is in a charge cycle. Once the
charge cycle has terminated, the pin state is determined by
under voltage lockout conditions. High impedance indicates that
the LP78090 is in under voltage lockout mode: either VIN is less
than 100mV above the BAT pin voltage or insufficient voltage is
applied to the VIN pin.
A microprocessor can be used to distinguish between these two
states—this method is discussed in the Applications Information
section.
Function
CHRG(pin8)
STDBY(pin7)
Charging
Low
High
charge completed
High
Low
Thermal Limiting
An internal thermal feedback loop reduces the ISET rammed
charge current if the die temperature attempts to rise above a
preset value of approximately 120°C. This feature protects the
LP78090 from excessive temperature and allows the user to
push the limits of the power handling capability of a given circuit
board without risk of damaging the LP78090. The charge
current can be set according to typical (not worst-case) ambient
temperature
with
the
assurance
that
the
charger
will
automatically reduce the current in worst-case conditions.
TDFN power considerations are discussed further in the
Applications Information section.
Automatic Recharge
Once the charge cycle is terminated, the LP78090 continuously
monitors the voltage on the BAT pin using a comparator with a
2ms filter time (t
RECHARGE). A charge cycle restarts when the
battery voltage falls below 4.05V (which corresponds to
approximately 80% to 90% battery capacity). This ensures that
the battery is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations. STAT
output enters a strong pull-down state during recharge cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com