Electronic Components Datasheet Search
  English  ▼

X  

DG417C/ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DG417C/
Description  Improved, SPST/SPDT Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417C/ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DG417C/ Datasheet HTML 1Page - Maxim Integrated Products DG417C/ Datasheet HTML 2Page - Maxim Integrated Products DG417C/ Datasheet HTML 3Page - Maxim Integrated Products DG417C/ Datasheet HTML 4Page - Maxim Integrated Products DG417C/ Datasheet HTML 5Page - Maxim Integrated Products DG417C/ Datasheet HTML 6Page - Maxim Integrated Products DG417C/ Datasheet HTML 7Page - Maxim Integrated Products DG417C/ Datasheet HTML 8Page - Maxim Integrated Products DG417C/ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
Maxim’s redesigned DG417/DG418/DG419 precision,
CMOS, monolithic analog switches now feature guar-
anteed on-resistance matching (3
Ω max) between
switches and guaranteed on-resistance flatness over
the signal range (4
Ω max). These switches conduct
equally well in either direction and guarantee low
charge injection, low power consumption, and an ESD
tolerance of 2000V minimum per Method 3015.7. The
new design offers low off-leakage current over temper-
ature (less than 5nA at +85°C).
The DG417/DG418 are single-pole/single-throw (SPST)
switches. The DG417 is normally closed, and the
DG418 is normally open. The DG419 is single-
pole/double-throw (SPDT) with one normally closed
switch and one normally open switch. Switching times
are less than 175ns max for tON and less than 145ns
max for tOFF. Operation is from a single +10V to +30V
supply, or bipolar ±4.5V to ±20V supplies. The
improved DG417/DG418/DG419 are fabricated with a
44V silicon-gate process.
________________________Applications
Sample-and-Hold Circuits
Communications Systems
Test Equipment
Battery-Operated Systems
Modems
Fax Machines
Guidance and Control Systems
PBX, PABX
Audio Signal Routing
Military Radios
______________________New Features
o Plug-In Upgrades for Industry-Standard
DG417/DG418/DG419
o Improved RDS(ON) Match Between Channels
(3
Ω max, DG419 only)
o Guaranteed RFLAT(ON) Over Signal Range (4
Ω max)
o Improved Charge Injection (10pC max)
o Improved Off-Leakage Current Over Temperature
(<5nA at +85°C)
o Withstand Electrostatic Discharge (2000V min)
per Method 3015.7
__________________Existing Features
o Low RDS(ON) (35
Ω max)
o Single-Supply Operation +10V to +30V
Bipolar-Supply Operation ±4.5V to ±20V
o Low Power Consumption (35µW max)
o Rail-to-Rail Signal Handling
o TTL/CMOS-Logic Compatible
Improved, SPST/SPDT Analog Switches
________________________________________________________________
Maxim Integrated Products
1
TOP VIEW
1
2
3
4
8
7
6
5
DG418
DIP/SO
1
2
3
4
8
7
6
5
D
V-
IN
VL
D
V-
IN
VL
V+
GND
N.C.
S
V+
GND
N.C.
S
DG417
DIP/SO
1
2
3
4
8
7
6
5
S2
V-
IN
VL
V+
GND
S1
D
DG419
DIP/SO
LOGIC
SWITCH
0
1
ON
OFF
SWITCHES SHOWN FOR LOGIC "0" INPUT
LOGIC
SWITCH
0
1
OFF
ON
LOGIC
SWITCH 1
0
1
ON
OFF
SWITCH 2
OFF
ON
DG417
DG418
DG419
N.C. = NO INTERNAL CONNECTION
_____________________Pin Configurations/Functional Diagrams/Truth Tables
19-0114; Rev 2; 12/96
PART
DG417CJ
DG417CY
DG417C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
Dice*
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800
DG417DJ
DG417DY
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO


Similar Part No. - DG417C/

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417 VISHAY-DG417 Datasheet
147Kb / 11P
Precision CMOS Analog Switches
25-Jun-07
DG417 VISHAY-DG417 Datasheet
304Kb / 16P
Precision CMOS Analog Switches
19-Jul-10
logo
Maxim Integrated Produc...
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
logo
TEMIC Semiconductors
DG417AK TEMIC-DG417AK Datasheet
153Kb / 10P
Precision CMOS Analog Switches
More results

Similar Description - DG417C/

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
DG411 MAXIM-DG411 Datasheet
172Kb / 12P
Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
Improved Quad SPST CMOS Analog Switches
04-Jul-11
logo
Maxim Integrated Produc...
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG41789S MAXIM-DG41789S Datasheet
31Kb / 5P
SPST/SPDT ANALOG SWITCHES
19-0501 Rev. A
DG41789 MAXIM-DG41789 Datasheet
37Kb / 5P
IMPROVED, SPST/SPDT ANALOG SWITCHES
19-0179 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com