Electronic Components Datasheet Search
  English  ▼

X  

DG417C/ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG417C/
Description  Improved, SPST/SPDT Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG417C/ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG417C/ Datasheet HTML 4Page - Maxim Integrated Products DG417C/ Datasheet HTML 5Page - Maxim Integrated Products DG417C/ Datasheet HTML 6Page - Maxim Integrated Products DG417C/ Datasheet HTML 7Page - Maxim Integrated Products DG417C/ Datasheet HTML 8Page - Maxim Integrated Products DG417C/ Datasheet HTML 9Page - Maxim Integrated Products DG417C/ Datasheet HTML 10Page - Maxim Integrated Products DG417C/ Datasheet HTML 11Page - Maxim Integrated Products DG417C/ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Improved, SPST/SPDT Analog Switches
10
______________________________________________________________________________________
______________________Chip Topography
7
6
4
5
8
9
3
2
1
0.058"
1.47mm
0.076"
1.93mm
__Ordering Information (continued)
TRANSISTOR COUNT: 32
SUBSTRATE CONNECTED TO V+
* Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883B.
PART
TEMP. RANGE
PIN-PACKAGE
DG417DK
DG417AK
-55°C to +125°C
-40°C to +85°C
8 CERDIP
8 CERDIP**
DG418CJ
DG418CY
DG418C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
DG418DJ
DG418DY
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
DG418DK
DG418AK
-55°C to +125°C
-40°C to +85°C
8 CERDIP
8 CERDIP**
DG419DK
DG419AK
-55°C to +125°C
-40°C to +85°C
8 CERDIP
8 CERDIP**
DG419CJ
DG419CY
DG419C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
8 Plastic DIP
8 SO
Dice*
DG419DJ
DG419DY
-40°C to +85°C
-40°C to +85°C
8 Plastic DIP
8 SO
DG419
S
GND
V+
VL
IN
V-
S
D
D
DG418
N.C.
GND
V+
VL
IN
V-
S
D
N.C.
DG417
DIE PAD
1
2
D
3
4
5
6
GND
7
8
9
V+
VL
IN
V-
N.C.
N.C.
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com