Electronic Components Datasheet Search
  English  ▼

X  

DG421C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DG421C/D
Description  Improved Low-Power, CMOS Analog Switches with Latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG421C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DG421C/D Datasheet HTML 4Page - Maxim Integrated Products DG421C/D Datasheet HTML 5Page - Maxim Integrated Products DG421C/D Datasheet HTML 6Page - Maxim Integrated Products DG421C/D Datasheet HTML 7Page - Maxim Integrated Products DG421C/D Datasheet HTML 8Page - Maxim Integrated Products DG421C/D Datasheet HTML 9Page - Maxim Integrated Products DG421C/D Datasheet HTML 10Page - Maxim Integrated Products DG421C/D Datasheet HTML 11Page - Maxim Integrated Products DG421C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Improved Low-Power,
CMOS Analog Switches with Latches
10
______________________________________________________________________________________
* Contact factory for dice specifications.
**Contact factory for availability and processing to MIL-STD-883B.
_Ordering Information (continued)
___________________________________________________________Chip Topographies
0.105"
(2.66mm)
0.082"
(2.08mm)
D1
S1
IN1
N.C.
N.C.
N.C.
N.C.
D2
RS
S2
IN2
V-
GND
VL
V+
WR
0.105"
(2.66mm)
0.082"
(2.08mm)
D1
S1
IN1
D3
S3
S4
D4
D2
RS
S2
IN2
V-
GND
VL
V+
WR
DG421
DG423
DG421
DG423/DG425
VL
VL
TRANSISTOR COUNT: 100
SUBSTRATE CONNECTED TO V+
TRANSISTOR COUNT: 100
SUBSTRATE CONNECTED TO V+
PART
TEMP. RANGE
PIN-PACKAGE
DG423CJ
0°C to +70°C
16 Plastic DIP
DG423CY
0°C to +70°C
16 SO
DG423DJ
-40°C to +85°C
16 Plastic DIP
DG423DN
-40°C to +85°C
20 PLCC
DG423AK
-55°C to +125°C
16 CERDIP**
DG425CJ
0°C to +70°C
16 Plastic DIP
DG425CY
0°C to +70°C
16 SO
DG425DJ
-40°C to +85°C
16 Plastic DIP
DG425DN
-40°C to +85°C
20 PLCC
DG425AK
-55°C to +125°C
16 CERDIP**
DG423C/D
0°C to +70°C
Dice*
DG423DY
-40°C to +85°C
16 SO
DG423DK
-40°C to +85°C
16 CERDIP
DG425C/D
0°C to +70°C
Dice*
DG425DY
-40°C to +85°C
16 SO
DG425DK
-40°C to +85°C
16 CERDIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com