Electronic Components Datasheet Search
  English  ▼

X  

ICL7665ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # ICL7665ESA
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  ICL7665ESA Datasheet HTML 1Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 2Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 3Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 4Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 5Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 6Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 7Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 8Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The ICL7665 warns microprocessors (
µPs) of overvolt-
age and undervoltage conditions. It draws a typical
operating current of only 3µA. The trip points and hys-
teresis of the two voltage detectors are individually pro-
grammed via external resistors to any voltage greater
than 1.3V. The ICL7665 will operate from any supply
voltage in the 1.6V to 16V range, while monitoring volt-
ages from 1.3V to several hundred volts. The Maxim
ICL7665A is an improved version with a 2%-accurate
VSET1 threshold and guaranteed performance over
temperature.
The 3µA quiescent current of the ICL7665 makes it
ideal for voltage monitoring in battery-powered sys-
tems. In both battery- and line-powered systems, the
unique combination of a reference, two comparators,
and hysteresis outputs reduces the size and compo-
nent count of many circuits.
________________________Applications
µP Voltage Monitoring
Low-Battery Detection
Power-Fail and Brownout Detection
Battery Backup Switching
Power-Supply Fault Monitoring
Over/Undervoltage Protection
High/Low Temperature, Pressure, Voltage Alarms
____________________________Features
o µP Over/Undervoltage Warning
o Improved Second Source
o Dual Comparator with Precision Internal Reference
o 3µA Operating Current
o 2% Threshold Accuracy (ICL7665A)
o 1.6V to 16V Supply Voltage Range
o On-Board Hysteresis Outputs
o Externally Programmable Trip Points
o Monolithic, Low-Power CMOS Design
______________Ordering Information
Ordering Information continued on last page.
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
OUT2
SET2
HYST2
GND
SET1
HYST1
OUT1
ICL7665
DIP/SO
TOP VIEW
2
8
4
6
1
7
3
5
ICL7665
V+ (CASE)
HYST2
SET2
OUT2
OUT1
HYST1
SET1
TO-99
GND
V+
_________________Pin Configurations
ICL7665
OUT1
OUT2
SET2
SET1
V+
VIN2
VIN1
V+
8
4
1
7
6
3
GND
OVERVOLTAGE
DETECTION
UNDERVOLTAGE
DETECTION
SIMPLE THRESHOLD DETECTOR
NMI
__________Typical Operating Circuit
19-0001; Rev 2; 8/97
PART
TEMP. RANGE
PIN-PACKAGE
ICL7665CPA
0°C to +70°C
8 Plastic DIP
ICL7665ACPA
0°C to +70°C
8 Plastic DIP
ICL7665BCPA
0°C to +70°C
8 Plastic DIP
ICL7665CSA
0°C to +70°C
8 SO
ICL7665ACSA
0°C to +70°C
8 SO
ICL7665BCSA
0°C to +70°C
8 SO
ICL7665CJA
0°C to +70°C
8 CERDIP
ICL7665ACJA
0°C to +70°C
8 CERDIP
ICL7665BCJA
0°C to +70°C
8 CERDIP
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - ICL7665ESA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7665 INTERSIL-ICL7665 Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
ICL7665 INTERSIL-ICL7665 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
SYC Electronica
ICL7665 SYC-ICL7665 Datasheet
140Kb / 12P
Microprocessor Voltage Monitor with Dual Over/Undervoltage Detection
logo
Intersil Corporation
ICL7665S INTERSIL-ICL7665S Datasheet
86Kb / 11P
CMOS Micropower Over/Under Voltage Detector
April 1999
ICL7665S INTERSIL-ICL7665S Datasheet
354Kb / 14P
CMOS Micropower Over/Under Voltage Detector
April 5, 2006
More results

Similar Description - ICL7665ESA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78 NSC-LM78 Datasheet
424Kb / 31P
Microprocessor System Hardware Monitor
LM79 NSC-LM79 Datasheet
481Kb / 31P
Microprocessor System Hardware Monitor
logo
ON Semiconductor
NCP1232 ONSEMI-NCP1232 Datasheet
95Kb / 8P
Microprocessor Monitor
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC1232 TELCOM-TC1232 Datasheet
65Kb / 6P
MICROPROCESSOR MONITOR
logo
California Micro Device...
CM1232 CALMIRCO-CM1232 Datasheet
171Kb / 4P
CMOS MICROPROCESSOR MONITOR CIRCUIT
logo
Maxim Integrated Produc...
MAX1232 MAXIM-MAX1232 Datasheet
174Kb / 6P
MAX 1232 Microprocessor Monitor
19-3899; Rev 1; 2/91
logo
Microchip Technology
TC1232 MICROCHIP-TC1232 Datasheet
275Kb / 20P
Microprocessor Monitor
2005
logo
Silicon Standard Corp.
SS8039 SSC-SS8039 Datasheet
340Kb / 7P
Microprocessor Voltage Monitor with Manual Reset
logo
Microchip Technology
TC1232 MICROCHIP-TC1232_13 Datasheet
282Kb / 20P
Microprocessor Monitor
2002-2012 10/26/12
TC1232 MICROCHIP-TC1232_14 Datasheet
583Kb / 24P
Microprocessor Monitor
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com