Electronic Components Datasheet Search
  English  ▼

X  

ICL7665ESA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # ICL7665ESA
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665ESA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button ICL7665ESA Datasheet HTML 2Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 3Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 4Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 5Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 6Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 7Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 8Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 9Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
_______________Detailed Description
As shown in the block diagram of Figure 2, the Maxim
ICL7665 combines a 1.3V reference with two com-
parators, two open-drain N-channel outputs, and two
open-drain P-channel hysteresis outputs. The refer-
ence and comparator are very low-power linear CMOS
circuits, with a total operating current of 10
µA maxi-
mum, 3
µA typical. The N-channel outputs can sink
greater than 10mA, but are unable to source any cur-
rent. These outputs are suitable for wire-OR connections
and are capable of driving TTL inputs when an external
pull-up resistor is added.
The ICL7665 Truth Table is shown in Table 1. OUT1 is
an inverting output; all other outputs are noninverting.
HYST1 and HYST2 are P-channel current sources
whose sources are connected to V+. OUT1 and OUT2
are N-channel current sinks with their sources connect-
ed to ground. Both OUT1 and OUT2 can drive at least
one TTL load with a VOL of 0.4V.
In spite of the very low operating current, the ICL7665
has a typical propagation delay of only 75
µs. Since the
comparator input bias current and the output leakages
are very low, high-impedance external resistors can be
used. This design feature minimizes both the total sup-
ply current used and loading on the voltage source that
is being monitored.
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
6
_______________________________________________________________________________________
Figure 1. Test Circuit
HYST2 = OFF = LOW
OUT2 = ON = LOW
VSET2 < 1.3V
HYST2 = ON = HI
OUT2 = OFF = HI
VSET2 > 1.3V
HYST1 = OFF = LOW
OUT1 = OFF = HI
VSET1 < 1.3V
HYST1 = ON = HI
OUT1 = ON = LOW
VSET1 > 1.3V
HYSTERESIS
OUTPUT
INPUT*
Table 1. ICL7665 Truth Table
V+
HYST1
HYST2
OUT1
OUT2
TO V+
SET2
SET1
1.3V
BANDGAP
REFERENCE
Figure 2. Block Diagram
1
2
3
4
8
7
6
5
ICL7665
OUT1
HYST1
SET1
GND
V+
OUT2
SET2
HSYT2
12pF
12pF
12pF
12pF
OUT1
HYST1
OUT2
HSYT2
4.7k
4.7k
V+
1.6V
1.0V
INPUT
20k
20k
* See Electrical Characteristics
OUT1 is an inverting output; all others are noninverting. OUT1
and OUT2 are open-drain, N-channel current sinks. HYST1
and HYST2 are open-drain, P-channel current sinks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com