Electronic Components Datasheet Search
  English  ▼

X  

ICL7665ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # ICL7665ESA
Description  Microprocessor Voltage Monitor with
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7665ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  ICL7665ESA Datasheet HTML 1Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 2Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 3Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 4Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 5Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 6Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 7Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 8Page - Maxim Integrated Products ICL7665ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Microprocessor Voltage Monitor with
Dual Over/Undervoltage Detection
_______________________________________________________________________________________
5
2.0
0
0
15
OUT1 SATURATION VOLTAGE AS A
FUNCTION OF OUTPUT CURRENT
0.5
1.5
IOUT OUT1 (mA)
1.0
10
5
20
V+ = 2V
V+ = 9V
V+ = 15V
V+ = 5V
SUPPLY CURRENT AS A
FUNCTION OF SUPPLY VOLTAGE
0
0
SUPPLY VOLTAGE (V)
2
4
6
8
10
12
14
16
0.5
1.0
TA = +25°C
TA = +70°C
0V
≤ VSET1, VSET2 ≤ V+
1.5
2.0
2.5
3.0
3.5
5.0
4.5
4.0
TA = -20°C
SUPPLY CURRENT AS A
FUNCTION OF AMBIENT TEMPERATURE
-20
0
20
40
60
AMBIENT TEMPERATURE (°C)
0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
5.0
1.0
4.5
V+ = 15V
V+ = 9V
V+ = 2V
0V
≤ VSET1, VSET2 ≤ V+
-2.0
-1.6
-1.2
-0.8
-0.4
0
-20
-16
-12
-8
-4
0
HYST1 OUTPUT SATURATION VOLTAGE
vs. HYST1 OUTPUT CURRENT
HYST1 OUTPUT CURRENT (mA)
V+ = 2V
V+ = 5V
V+ = 9V
V+ = 15V
-5
-4
-3
-2
-1
0
-5
-4
-3
-2
-1
0
HYST2 OUTPUT SATURATION VOLTAGE
vs. HYST2 OUTPUT CURRENT
HYST2 OUTPUT CURRENT (mA)
V+ = 2V
V+ = 15V
V+ = 9V
V+ = 5V
2.0
1.5
1.0
0.5
0
20
15
10
5
0
OUT2 SATURATION VOLTAGE AS A
FUNCTION OF OUTPUT CURRENT
IOUT OUT2 (mA)
V+ = 2V
V+ = 5V
V+ = 9V
V+ = 15V
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com