Electronic Components Datasheet Search
  English  ▼

X  

MAX100 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX100
Description  250Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX100 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX100 Datasheet HTML 8Page - Maxim Integrated Products MAX100 Datasheet HTML 9Page - Maxim Integrated Products MAX100 Datasheet HTML 10Page - Maxim Integrated Products MAX100 Datasheet HTML 11Page - Maxim Integrated Products MAX100 Datasheet HTML 12Page - Maxim Integrated Products MAX100 Datasheet HTML 13Page - Maxim Integrated Products MAX100 Datasheet HTML 14Page - Maxim Integrated Products MAX100 Datasheet HTML 15Page - Maxim Integrated Products MAX100 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
250Msps, 8-Bit ADC with Track/Hold
______________________________________________________________________________________
13
Reference
The ADC’s reference resistor is a Kelvin-sensed, center-
tapped resistor string that sets the ADC’s LSB size and
dynamic operating range. Normally, the top and bottom of
this string are driven with an op amp, and the center tap is
left open. However, driving the center tap is an effective
way to modify the output coding to provide a user-defined
bilinear response. The buffer amplifier used to drive the
top and bottom inputs will need to supply approximately
18mA due to the resistor string impedance of 116
Ω mini-
mum. A reference voltage of ±1.02V is normally applied to
inputs VART and VARB. This reference voltage can be
adjusted up to ±1.4V to accommodate extended input
requirements (accuracy specifications are guaranteed with
±1.02V references). The reference input VARTS, VARBS,
and VACTS allow Kelvin sensing of the applied voltages
to increase precision.
An RC network at the ADC’s reference terminals is
needed for best performance. This network consists of
a 33
Ω resistor connected in series with the op amp out-
put that drives the reference. A 0.47µF capacitor must
be connected near the resistor at the op amp’s output
(see
Typical Operating Circuit). This resistor and
capacitor combination should be located within 0.5
inches of the MAX100 package. Any noise on these
pins will directly affect the code uncertainty and
degrade the ADC’s effective-bits performance.
CLK and DCLK
All input and output clock signals are differential. The
input clocks, CLK and CLK, are the primary timing sig-
nals for the MAX100. CLK and CLK are fed to the inter-
nal circuitry from pins 2 & 3 or pins 62 & 61 through an
internal 50
Ω transmission line. One pair of CLK/CLK
inputs should be driven and the other pair terminated
by 50
Ω to -2V. Either pair can be used as the driven
inputs (input lines are balanced) for easy circuit con-
nection. A minimum pulse width (tPWL) is required for
CLK and CLK (Figures 1–4).
For best performance and consistent results, use a low
phase-jitter clock source for CLK and CLK. Phase jitter
larger than 2ps from the input clock source reduces the
converter’s effective-bits performance and causes
inconsistent results.
DCLK and DCLK are output clock signals derived from
the input clocks and are used for external timing of the
AData and BData outputs. The MAX100 is character-
ized to work with maximum input clock frequencies of
250MHz (Table 1). See
Typical Operating Circuit.
Output Mode Control
DIV, MOD, and A=B are input pins that determine the
operating mode of the two output data paths. Six
options are available (Table 1). A typical operating con-
figuration (8:16 demultiplexer mode) is set by 1 on DIV,
0 on MOD, and 0 on A=B. This will give the most
recent sample at AData with the older data on BData.
Both outputs are synchronous and are at half the input
clock rate. To terminate the control inputs, use a resis-
tor to -2V or the equivalent circuit resistor combination
from DGND to -5.2V up to 1k
Ω. When using a diode
pull-up to tie an input high, bias the diode “on” with a
pull-down resistor to avoid input voltage excursions
close to ground. The control inputs are compatible with
standard ECL 10K logic levels over temperature.
Layout, Grounding, and Power Supplies
The MAX100 is designed with separate analog and dig-
ital ground connections to isolate high-current digital
noise spikes. The high-current digital ground, DGND,
is connected to the collectors of the output emitter fol-
lower transistors. The low-current ground connection is
GND, which is a combination of the analog ground and
the ground of the low-current digital decode section.
The DGND and GND connections should be at the
same DC level, and should be connected at only one
location on the board. This will provide better noise
immunity and highest device accuracy. A ground
plane is recommended.
A +5V ±5% supply as well as a -5.2V ±5% supply is
needed for proper operation. Bypass the VEE and
VCC supply pins to GND with high-quality 0.1µF and
0.001µF ceramic capacitors located as close to the
package as possible. An evaluation kit with a suggest-
ed layout is available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com