Electronic Components Datasheet Search
  English  ▼

X  

MAX100 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX100
Description  250Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX100 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX100 Datasheet HTML 1Page - Maxim Integrated Products MAX100 Datasheet HTML 2Page - Maxim Integrated Products MAX100 Datasheet HTML 3Page - Maxim Integrated Products MAX100 Datasheet HTML 4Page - Maxim Integrated Products MAX100 Datasheet HTML 5Page - Maxim Integrated Products MAX100 Datasheet HTML 6Page - Maxim Integrated Products MAX100 Datasheet HTML 7Page - Maxim Integrated Products MAX100 Datasheet HTML 8Page - Maxim Integrated Products MAX100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
250Msps, 8-Bit ADC with Track/Hold
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS (Note 1)
ELECTRICAL CHARACTERISTICS
(VEE = -5.2V, VCC = +5V, RL = 50Ω to -2V, VART = 1.02V, VARB = -1.02V, TMIN to TMAX = 0°C to +70°C, TA = +25°C, unless
otherwise noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: The digital control inputs are diode protected; however, permanent damage may occur on unconnected units under high-
energy electrostatic fields. Keep unused units in conductive foam or shunt the terminals together. Discharge the conduc-
tive foam to the destination socket before insertion.
Note 2: Typical thermal resistance, junction-to-case R
θJC = 5°C/W and thermal resistance, junction to ambient (MAX100CA) RθJA =
12°C/W, providing 200 lineal ft/min airflow with heatsink. See
Package Information.
Supply Voltages
VCC .............................................................................0V to +7V
VEE ...............................................................................-7V to 0V
VCC - VEE............................................................................+12V
Analog Input Voltage .............................................................±2V
Digital Input Voltage .................................................-2.3V to +0V
Reference Voltage (VART) .....................................-0.3V to +1.5V
Reference Voltage (VARB).....................................-1.5V to +0.3V
Data Output Current ..........................................................-33mA
DCLK Output Current ........................................................-43mA
Operating Temperature Range...............................0°C to +70°C
Operating Junction Temperature (Note 2)............0°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+250°C
AData, BData
CONDITIONS
±0.5
Bits
8
Resolution
LSB
±0.6
INL
Integral Nonlinearity (Note 4)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
fCLK = 250MHz,
VIN = 95% full scale
(Note 5)
Bits
7.1
7.4
6.8
ENOB
Effective Bits
Figure 5
Figure 5
(Note 7)
fAIN = 50MHz, fCLK = 250MHz, VIN = 95%
full scale (Note 6)
ps
2
tAJ
ps
270
tAW
Aperture Width
Aperture Jitter
230
315
Msps
250
fCLK
Maximum Conversion Rate
dB
44.5
SNR
Signal-to-Noise Ratio
GHz
1.2
BW3dB
Analog Input Bandwidth
AIN+ to AIN-, Table 2,
TA = TMIN to TMAX
mV
-305
-215
VIN
Input Voltage Range
AIN+ and AIN- with respect to GND
TA = TMIN to TMAX
AIN+, AIN-, TA = TMIN to TMAX
Ω/°C
0.008
Input Resistance
Temperature Coefficient
Ω
49
51
RI
Input Resistance
mV
1.8
2.5
LSB
mV
-17
+32
VIO
Input Offset Voltage
Least-Significant-Bit Size
TA = +25°C
TA = TMIN to TMAX
AData, BData,
no missing codes
±0.75
TA = +25°C
TA = TMIN to TMAX
LSB
±0.85
DNL
Differential Nonlinearity
fAIN = 10MHz
fAIN = 50MHz
fAIN = 125MHz
Full scale
Zero scale
ACCURACY
DYNAMIC SPECIFICATIONS
ANALOG INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com