Electronic Components Datasheet Search
  English  ▼

X  

MAX100 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX100
Description  250Msps, 8-Bit ADC with Track/Hold
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX100 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX100 Datasheet HTML 1Page - Maxim Integrated Products MAX100 Datasheet HTML 2Page - Maxim Integrated Products MAX100 Datasheet HTML 3Page - Maxim Integrated Products MAX100 Datasheet HTML 4Page - Maxim Integrated Products MAX100 Datasheet HTML 5Page - Maxim Integrated Products MAX100 Datasheet HTML 6Page - Maxim Integrated Products MAX100 Datasheet HTML 7Page - Maxim Integrated Products MAX100 Datasheet HTML 8Page - Maxim Integrated Products MAX100 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
250Msps, 8-Bit ADC with Track/Hold
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VEE = -5.2V, VCC = +5V, RL = 50Ω to -2V, VART = 1.02V, VARB = -1.02V, TMIN to TMAX = 0°C to +70°C, TA = +25°C, unless
otherwise noted.) (Note 3)
VART to VARB
-5
20
-1.95
-1.60
CONDITIONS
VCC = 5.0V
AData, BData,
DCLK, DCLK
mA
710
ICC
Positive Supply Current
V
-1.95
-1.50
VOL
Digital Output Low Voltage
464
670
Ω
116
175
RREF
Reference String Resistance
Ω/°C
0.02
Reference String Resistance
Temperature Coefficient
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DIV, MOD, A=B, CLK, CLK,
TA = TMIN to TMAX
V
-1.5
VIL
Digital Input Low Voltage
(Note 8)
DIV, MOD, A=B, CLK, CLK,
TA = TMIN to TMAX
V
-1.07
VIH
Digital Input High Voltage
(Note 8)
DIV, MOD, A=B = -1.8V, TA = TMIN to TMAX
µA
080
IIL
CLK, CLK, VIL = -1.8V (no termination),
TA = TMIN to TMAX
Digital Input Low Current
-5
20
DIV, MOD, A=B = -0.8V, TA = TMIN to TMAX
µA
080
IIH
CLK, CLK, VIH = -0.8V (no termination),
TA = TMIN to TMAX
Digital Input High Current
TA = +25°C
TA = TMIN to TMAX
-1.02
-0.70
TA = +25°C
TA = TMIN to TMAX
AData, BData,
DCLK, DCLK
V
-1.10
-0.70
VOH
Digital Output High Voltage
TA = +25°C
TA = TMIN to TMAX
VEE = -5.2V
TA = +25°C
mA
-780
IEE
Negative Supply Current
TA = TMIN to TMAX
-750
-560
VINCM = ±0.5V
TA = TMIN to TMAX
dB
CMRR
Common-Mode Rejection Ratio
35
dB
40
VCC(nom) = ±0.25V
Power-Supply Rejection Ratio
PSRR
TA = TMIN to TMAX
REFERENCE INPUT
LOGIC INPUTS
LOGIC OUTPUTS (Note 9)
POWER REQUIREMENTS
VEE(nom) = ±0.25V
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com