Electronic Components Datasheet Search
  English  ▼

X  

MAX1011 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1011
Description  Low-Power, 90Msps, 6-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1011 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1011 Datasheet HTML 4Page - Maxim Integrated Products MAX1011 Datasheet HTML 5Page - Maxim Integrated Products MAX1011 Datasheet HTML 6Page - Maxim Integrated Products MAX1011 Datasheet HTML 7Page - Maxim Integrated Products MAX1011 Datasheet HTML 8Page - Maxim Integrated Products MAX1011 Datasheet HTML 9Page - Maxim Integrated Products MAX1011 Datasheet HTML 10Page - Maxim Integrated Products MAX1011 Datasheet HTML 11Page - Maxim Integrated Products MAX1011 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
External Clock Operation
To accommodate designs that use an external clock,
the MAX1011’s internal oscillator can be overdriven by
an external clock source (Figure 7). The external clock
source should be a sinusoid to minimize clock phase
noise and jitter, which can degrade the ADC’s ENOB
performance. AC couple the clock source (recom-
mended voltage level is approximately 1Vp-p) to the
oscillator inputs (Figure 7).
Output Data Format
The conversion results are output on a 6-bit-wide data
bus. Data is latched into the ADC output latch following
a pipeline delay of one clock cycle (Figure 8). Output
data is clocked out of the ADC’s data output pins (D0
through D5) on the rising edge of the clock output
(DCLK), with a DCLK-to-data propagation delay (tPD) of
3.0ns. The MAX1011 outputs are +3.3V CMOS-logic
compatible.
Transfer Function
Figure 9 shows the MAX1011’s nominal transfer function.
Output coding is offset binary with 1LSB = FSR / 63.
___________Applications Information
The MAX1011 is designed with separate analog and
digital power-supply and ground connections to isolate
high-current digital noise spikes from the more sensi-
tive analog circuitry. The high-current digital output
ground (OGND) and analog ground (GND) should be
at the same DC level, connected at only one location
on the board. This will provide best noise immunity and
improved conversion accuracy. Use of separate
ground planes is strongly recommended.
The entire board needs good DC bypassing for both
analog and digital supplies. Place the power-supply
bypass capacitors close to where the power is routed
onto the board, i.e., close to the connector. 10µF elec-
trolytic capacitors with low-ESR ratings are recom-
mended. For best effective bits performance, minimize
capacitive loading at the digital outputs. Keep the digi-
tal output traces as short as possible.
The MAX1011 requires a +5V ±5% power supply for
the analog supply (VCC) and a +3.3V ±300mV power
supply connected to VCCO for the logic outputs.
Bypass each of the VCC supply pins to its respective
GND with high-quality ceramic capacitors located as
close to the package as possible (Table 2). Consult the
evaluation kit manual for a suggested layout and
bypassing scheme.
Low-Power, 90Msps, 6-Bit ADC
8
_______________________________________________________________________________________
Figure 7. External Clock Drive Circuit
MAX1011
CLK
DRIVER
TNK-
VCLK
VCLK = 300mVp-p TO 1.25Vp-p
TNK+
50
Ω
50
Ω
Z0 = 50Ω
50
Ω
0.1
µF
0.1
µF
0.01µF
Oscillator/Clock
47pF
Digital Output
9
16
13
BYPASS
TO GND/
OGND
(PIN)
10
6
17
0.01µF
Converter
14
VCC/
VCCO
(PIN)
11
SUPPLY
FUNCTION
0.01µF
Analog Inputs
CAPACITOR
VALUE
Table 2. Bypassing Guide
Figure 6. Tank Resonator Oscillator
MAX1011
CLK
DRIVER
VARACTOR DIODE PAIR IS M/A-COM MA4ST079CK-287
(SOT23 PACKAGE)
INDUCTOR COILCRAFT 1008HS-221.
VTUNE = 0V TO 8V
fOSC = 70MHz TO 109MHz
TNK-
TNK+
VTUNE
220nH
5pF
47pF
47pF
47k
47k
10k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com