Electronic Components Datasheet Search
  English  ▼

X  

MAX1011 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1011
Description  Low-Power, 90Msps, 6-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1011 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1011 Datasheet HTML 4Page - Maxim Integrated Products MAX1011 Datasheet HTML 5Page - Maxim Integrated Products MAX1011 Datasheet HTML 6Page - Maxim Integrated Products MAX1011 Datasheet HTML 7Page - Maxim Integrated Products MAX1011 Datasheet HTML 8Page - Maxim Integrated Products MAX1011 Datasheet HTML 9Page - Maxim Integrated Products MAX1011 Datasheet HTML 10Page - Maxim Integrated Products MAX1011 Datasheet HTML 11Page - Maxim Integrated Products MAX1011 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
______________Dynamic Performance
Signal-to-noise and distortion (SINAD) is the ratio of the
fundamental input frequency’s RMS amplitude to all
other ADC output signals. The output spectrum is limit-
ed to frequencies above DC and below one-half the
ADC sample rate.
The theoretical minimum analog-to-digital noise is
caused by quantization error, and results directly from
the ADC’s resolution: SNR = (6.02N + 1.76)dB, where
N is the number of bits of resolution. Therefore, a per-
fect 6-bit ADC can do no better than 38dB.
The FFT Plot (see
Typical Operating Characteristics)
shows the result of sampling a pure 20MHz sinusoid at
a 90MHz clock rate. This FFT plot of the output shows
the output level in various spectral bands. The plot has
been averaged to reduce the quantization noise floor
and reveal the low-amplitude spurs. This emphasizes the
excellent spurious-free dynamic range of the MAX1011.
The effective resolution (or effective number of bits) the
ADC provides can be measured by transposing the
equation that converts resolution to SINAD: N = (SINAD
- 1.76)/ 6.02 (see
Typical Operating Characteristics).
Low-Power, 90Msps, 6-Bit ADC
_______________________________________________________________________________________
9
Figure 9. Ideal Transfer Function
111111
111110
111101
100001
100000
011111
011110
000011
000010
000001
000000
-FSR
2
0
1LSB
INPUT VOLTAGE (IN+ TO IN-)
FSR
2
Figure 8. MAX1011 Timing Diagram
DATA OUT
1.4V
DATA VALID N - 1
DATA VALID N
1.4V
50%
tSKEW
tDCLK
tAD
tPD
TNK+
(INPUT CLOCK)
DCLK
ANALOG
INPUT
N
N + 1
N + 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com