Electronic Components Datasheet Search
  English  ▼

X  

MAX1007EAG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1007EAG
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007EAG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1007EAG Datasheet HTML 4Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 5Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 6Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 7Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 8Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 9Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 10Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 11Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
RSSI
The RSSI input provides a filtered input and a direct
input to the ADC. The filtered signal path consists of a
unity-gain buffer, an RC lowpass filter, and a peak
detector to condition the signal for the ADC. The low-
pass filter’s time constant is 10µs (min). The mux at the
ADC’s input selects CH0 (filtered input) or CH1 (direct
RSSI input).
Control Timing
The power-sense circuit is activated by the externally
generated PKWDW signal (Figure 1) when the
MAX1007 is either in transmit or receive mode. When
the PKWDW signal goes high, the entire power-sense
circuit turns on. However, since the PGA is active only
in the transmit mode, it remains shut down during RSSI
power measurements to conserve power.
Antenna Diversity
The antenna or preamble-switched diversity (PSD) cir-
cuit compares the signal amplitude presented at RSSI
during two different time periods and latches the result
at BANT (Best Antenna). The circuit consists of a dual
track/hold (T/H) stage, a comparator, and an output
latch (D flip-flop).
The comparison begins with the signal from the first
antenna applied to the RSSI pin (Figure 2). PSDWDW
goes high, and the PSD circuit is turned on. A power-
on-reset signal initializes the D flip-flop so that it always
starts with BANT low. After 4 clocks to reset the peak
detector, PSDCTRL goes high to start the measure-
ment. The T/H stage acquires the signal for 8 clocks
while PSDCTRL is high, then holds the peak value while
the second antenna is switched externally to the RSSI
pin and the T/H is zeroed. PSDCTRL goes low for
another 4 clocks, then goes high to enable the peak
detector again. The peak detector is active for another
8 clocks while the output is compared with the peak
value for the first antenna. When PSDWDW goes low at
the end of the comparison phase, the comparator’s out-
put is clocked into the D flip-flop. The D flip-flop’s out-
put, BANT, is low if the first antenna signal is greater
than the second, and high if the second signal is
greater than the first. PSDCTRL goes low one clock
period after PSDWDW goes low to power down the
PSD circuitry.
Analog-to-Digital Converter
The ADC is an 8-bit, half-flash ADC with a T/H and two
inputs (CH0, CH1). When selected, the acquisition time
is 1.74µs. The ADC input range is equal to the 1.028V
internal reference.
Reference
The bandgap voltage reference supports several
blocks of the MAX1007. The nominal 1.21V output is
scaled and buffered for the power-sense bias, the
PGA, the ADC, and the DACs. The PSBIAS output volt-
age is 1.87V nominal. The ADC reference is 1.028V. It
is buffered to isolate switching noise and to allow exter-
nal capacitor bypassing (0.014µF to 0.05µF) for AC sta-
bility. A buffered gain supplies all DACs with a nominal
2.42V reference voltage.
Digital-to-Analog Converters
All four DAC outputs are reset to zero at power-up.
Preset DACs to output voltages other than zero in total
shutdown mode and update DACs by settling the LD
bit in the command byte.
XDAC
XDAC is a 6-bit voltage-output DAC intended to drive
varactor diodes to tune a voltage-controlled crystal
oscillator. The input is double-buffered for independent
updates. The inverted R-2R ladder output is unbuffered
since the load is strictly capacitive. The maximum out-
put voltage is 2.42V nominal, and the maximum output
resistance is 30k
Ω. The output is reset to zero at
power-up and is active instantly. When XDAC is dis-
abled, the DAC output is actively pulled to AGND.
GDAC
GDAC is a 6-bit voltage-output DAC intended to control
an external negative bias generator, such as the
MAX840, for a GaAs amplifier. The digital input is double-
buffered. The inverted R-2R ladder output is buffered
and can drive a 5k
Ω load. The maximum output voltage
is 2.42V nominal. The DAC output is reset to zero at
power-up and is active in standby. A programmable
logic output (SDG) is provided to shut down the exter-
nal bias generator.
SDAC and KDAC
SDAC and KDAC are 7-bit voltage-output DACs intend-
ed to tune power levels of an up/downconverter or a
modulator. The digital inputs are double-buffered. The
inverted R-2R ladder outputs are buffered and can
drive 5k
Ω loads. The maximum output voltage is 2.42V
nominal. The SDAC and KDAC DAC outputs are reset
to zero at power-up.
Serial-Interface and Control Logic
The serial interface is a 4-wire implementation with CS,
SCLK, and DIN inputs and a DOUT output. The hard-
ware consists of a 7-bit command register, an 8-bit
data input register, an 8-bit data output register, a
counter, and control logic. Communication is framed in
16-bit words (8 command bits followed by 8 data bits)
Mobile-Radio Analog Controller
_______________________________________________________________________________________
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com