Electronic Components Datasheet Search
  English  ▼

X  

MAX1007EAG Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1007EAG
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007EAG Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1007EAG Datasheet HTML 3Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 4Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 5Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 6Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 7Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 8Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 9Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 10Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________Detailed Description
The MAX1007 comprises several blocks for measuring
and controlling radio-frequency (RF) signals. The mea-
surement blocks, including power sense, antenna or
preamble-switched diversity, and the analog-to-digital
converter (ADC), allow the comparison of various RF
inputs. The control blocks, including four digital-to-ana-
log converters (DACs), digital outputs BANT and SDG,
and the serial interface, aid frequency tuning and allow
the optimization of transceiver gain under microproces-
sor control.
Power Sense
The power-sense circuit consists of a multiplexer (mux),
a programmable gain amplifier (PGA), a peak detector,
and a buffer. The circuit amplifies/attenuates the
demodulated RF waveform, peak-holds the signal, and
buffers the outputs to the ADC for power-sense mea-
surement.
The demodulation process with external circuitry for
one channel is shown in Figures 3a and 3b. This circuit
typically recovers the negative envelope of the RF
waveform. The 1.87V PSBIAS voltage and the 100µA
current source are both generated by the MAX1007.
Mobile-Radio Analog Controller
_______________________________________________________________________________________
7
CONTROL
SIGNALS
STATE
INTERNAL SIGNALS
ADCCTRL
PKWDW
1
≥ 7 CLOCKS
2
CLOCKS
ACTIVE ADC
ADC CONVERSION
RESET
SWITCH FOR PS
10 CLOCKS
1
10 CLOCKS
8 CLOCKS
8 CLOCKS
6 CLOCKS
1
B
C
A
Figure 1. RSSI/Power-Sense Control Signals
ANTENNA SELECT
(EXTERNALLY GENERATED)
STATE
RSSI
FIRST ANTENNA
SECOND ANTENNA
PSDWDW
PSDCTRL
BANT
NEW VALUE
INTERNAL RESET 1
INTERNAL RESET 2
OLD VALUE
PERIOD A
PERIOD B
1
8 CLOCKS
4
4
9 CLOCKS
D
COMPARE
Figure 2. Antenna-Diversity Control Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com