Electronic Components Datasheet Search
  English  ▼

X  

MAX1007EAG Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1007EAG
Description  Mobile-Radio Analog Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1007EAG Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1007EAG Datasheet HTML 2Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 3Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 4Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 5Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 6Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 7Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 8Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 9Page - Maxim Integrated Products MAX1007EAG Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Mobile-Radio Analog Controller
6
_______________________________________________________________________________________
Pin Description
NAME
FUNCTION
1
RPS
Used to measure reverse-transmit power level. Only active in transmit mode when PKWDW = 1,
SDAC[F/R] = Reverse. When not selected, this pin is internally pulled to AGND through a 200
Ω switch.
2
FPS2
Used to measure forward power-sense class 2/3/4. Only active in transmit mode when GDAC[Power
Class] = Class 2/3/4, PKWDW = 1, and SDAC[F/R] = Forward. When not selected, this pin is internally
pulled to AGND through a 200
Ω switch.
PIN
3
FPS1
Used to measure forward power-sense level 1. Only active in transmit mode when GDAC[Power Class] =
Class 1, PKWDW = 1, and SDAC[F/R] = Forward. When not selected, this pin is internally pulled to AGND
through a 200
Ω switch.
4
SDAC
Buffered output of 7-bit DAC. Controls gain stage in up/down converter.
8
REF
1.028V Reference Voltage Output
7
AGND
Analog Ground
6
XDAC
Unbuffered output of 6-bit DAC. Used to control VCXO frequency.
5
AVDD
Analog Supply Voltage
13
PSDCTRL
Preamble-Switched Diversity Measurement-Control Signal (Figure 2). This pin has a 20k
Ω pull-down
resistor to digital ground.
12
BANT
Best-Antenna Digital Output. Result of preamble-switched diversity measurement (Figure 2). “0” indicates
more power was sensed from period A with respect to period B. “1” means vice versa. Period A is
sensed in the first 12 clock periods following the PSDWDW rising edge.
11
SDG
Software-Programmable Logic Output. Can be used to shut down external bias generator.
10
GDAC
Buffered output of 6-bit DAC. Controls negative gate bias voltage of external power amplifier.
9
KDAC
Buffered output of 7-bit DAC. Controls gain stage in external modulator block.
14
PSDWDW
Preamble-Switched Diversity Measurement Window (Figure 2). This pin has a 20k
Ω pull-down resistor to
digital ground.
15
ADCCTRL
RSSI/Power-Sense Measurement-Control Input (Figure 1)
19
SCLK
Serial-Clock Input. Clock can be stopped and resumed at any time (40% to 60% duty cycle).
18
DGND
Digital Ground
17
DOUT
Serial-Data Output. Enabled when CS is low.
16
PKWDW
RSSI/Power-Sense Measurement-Window Digital Input (Figure 1)
24
RSSI
Received-Signal Strength Indicator Analog Input for power-sense and antenna diversity measurements.
Signal goes into peak-detector circuit and is sampled at the end of the measurement window by the 8-bit
ADC. Only active in receive mode when PKWDW = 1. Peak-detector circuit can be bypassed by using
CH1 as the ADC input.
23
PSBIAS
Power-Sense Measurement Buffered-Bias Output Voltage. Active only during power sensing.
22
CS
Chip Select Input. Enables serial interface when low.
21
DIN
Serial-Data Input
20
DVDD
Digital Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com