Electronic Components Datasheet Search
  English  ▼

X  

CC Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # CC
Description  dielectric layer between two electrodes.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CC Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  CC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
Class 3
CC Series
These
semiconductor
type
ceramic
disc
capacitors provide economical volumetric efficiency.
They are best suited for use in low impedance
circuits wherein low insulation resistance can be
tolerated. The broad variation of lead styles and the
option of radial tape and reel packaging enhance
their popularity in bypass and coupling applications.
Working voltage options permit selection of the
smallest size discs for lower voltage applications
SPECIFICATIONS
Operating Temperature
-30
oC to +85oC
Capacitance
Measured at 1 ±0.1MHz, 1Vrms at 25
oC
Temperature
Y5P: ±10%
Y5T: +22/-33%
Y5U: +22/-56%
Y5V: +22/-82%
Rated voltage
16V, 25V and 50V
Dissipation factor
Measured at 1 ±0.1KHz, 1Vrms at 25
oC
16V: 7.0% max.
25V and 50V: 5.0% max.
Tested voltage
250% of rated voltage with 50mA charging current max.
Insulation resistance
Measured at rated voltage 60 sec.
16V: 500 Mega ohms min.
25V and 50V: 500 Mega ohms x
μF min.
Insulation coating
Phenolic coating applied by a wet dip method
CAPACITANCE RANGE (pF)
Temperature
Characteristic
Y5P
Y5T
Y5U
Y5V
Working Voltage
16V
25V
16V
16V
25V
50V
16V
25V
50V
16V
25V
50V
Capacitance (
μF)
D
∅ ±1mm
D
∅ ±1mm
D
∅ ±1mm
D
∅ ±1mm
0.01
5555
5
5555555
0.022
6
8
8
5
6
5
5
5
5
5
5
5
0.033
6
8
10
5
6
8
568556
0.047
8
10
12
6
6
8
6
6
8
5
5
6
0.10
10
12
14
6
8
10
6
8
10
6
7
8



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com