Electronic Components Datasheet Search
  English  ▼

X  

CC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # CC
Description  dielectric layer between two electrodes.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  CC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
CC Series
CC series ceramic disc capacitors are
produced by sandwiching a ceramic
dielectric layer between two electrodes.
An epoxy or phenolic coating is applied
by means of a spray or dippingprocess.
Applications include bypass, coupling
and resonant functions.
PART NUMBERING SYSTEM
CC
NPO
101
J
50V
5
B
1
Ceramic Disc Capacitors Series
Temperature Characteristic
Capacitance
CODE
1R5
330
201
202
333
104
1.5pF
33pF
200pF
2000pF
33000pF
0.1
μF
Tolerance
Code
Tolerance
Applicable T.C.
Available Capacitances
C
±0.25pF
NPO-N750
0.5pF-5pF
D
±0.5pF
NPO-N750
0.5pF-10pF
J
±5pF
NPO-N1500
Over 5pF
K
±10%
NPO-N1500, Y5E, Y5P
Over 10pF
M
±20%
NPO-N1500, Y5E, Y5P, Z5U
Over 10pF
S
+50/-20%
Z5U
Over 1000pF
Z
+80/-20%
Z5U, Z5V
Over 1000pF
P
+100/-0%
Z5U, Z5V
Over 1000pF
Rated Voltage
VDC
16V
25V
50V
63V
100V
Lead Spacing
Code
2
5
6
7
9
Lead Spacing
2.54mm
5.08mm
6.35mm
7.62mm
9.52mm
Packaging Code
Code
B
R
F
Packaging
Bulk Packing
Reel Packaging
Flat Packaging (Tape & Box)
Lead Type
Specifications are subject to change without notice.
rev.6a


Similar Description - CC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ADFC13 ABRACON-ADFC13 Datasheet
84Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC21 ABRACON-ADFC21 Datasheet
137Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
06.22.07
ADFC22 ABRACON-ADFC22 Datasheet
129Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC23 ABRACON-ADFC23 Datasheet
123Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
07.10.07
ADFC31 ABRACON-ADFC31 Datasheet
78Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
ADFC32 ABRACON-ADFC32 Datasheet
118Kb / 2P
MULTI-LAYER DIELECTRIC FILTER
ADFC43 ABRACON-ADFC43 Datasheet
90Kb / 1P
MULTI-LAYER DIELECTRIC FILTER
12.18.06
logo
Linear Technology
LTC4370 LINER-LTC4370 Datasheet
268Kb / 20P
Shares Load Between Two Supplies
logo
Exxelia Group
131P EXXELIA-131P Datasheet
1Mb / 8P
Paper / Polyester Dielectric Extended Foil Electrodes
132P EXXELIA-132P Datasheet
1Mb / 8P
Paper / Polyester Dielectric Extended Foil Electrodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com