Electronic Components Datasheet Search
  English  ▼

X  

CC Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # CC
Description  dielectric layer between two electrodes.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

CC Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  CC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION CC Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MERITEK
Ceramic Disc Capacitors
CC Series
Dimensions & Tolerances
Item
Description
Inches
mm
D
Maximum body diameter – Note 1
.472
12.0
T
Maximum body thickness
.256
6.5
d
Nominal wire diameter
.024
0.6
P
Capacitor taping pitch
.500 ±.039
12.7 ±1.0
P
0
Sprocket hole pitch
.500 ±.039
12.7 ±1.0
P
1
Hole center to lead center
.152 ±.028
3.85 ±0.7
P
2
Hole center to disc center
.250 ±.051
6.35 ±1.3
F
Lead center to lead center
.197 ±.031
5.0 ±0.8
H
Front-to-rear disc alignment
0 ±.079
0 ±2.0
+.039
+1.0
W
Carrier tape width
.709
-.020
18.0
-0.5
+.030
+0.75
W
1
Hole position on carrier
.354
-.020
9.0
-0.5
W
2
Adhesive tape position max.
.118
3.0
+.060
+1.5
H
Hole center to tangent line
.787
-.040
20.0
-1.0
H
0
Hole center to starting plane
.630 ±.020
16.0 ±0.5
Hi
Hole center to top of disc
1.270 max.
32.25 max.
L
Maximum lead cut-out length
.433
11.0
L
1
Maximum wire protrusion
.118
3.0
D0
Sprocket hole diameter
.157 ±.012
4.0 ±0.3
T
1
Total tape thickness
.035
0.9
T
Maximum lead offset
.06
1.5
Meritek ceramic capacitors are available in tape and reel packaging for automatic insertion equipment.
Meritek's tape and reel specifications comply with the requirements of EIA Standard RS-468. Configurations
are also available to meet the specific requirements of Universal, Panasert, and Avisert equipment. Please
contact our sales department to discuss your special requirements.
Notes:
1.
Body diameters to 0.906 inch (23mm)
available on 1.0 inch (25.4mm)pitch.
2.
Taping pitch of 1.0 inch (25.4mm)
available.
3.
Wire with a diameter of 0.032 inch
(0.8mm) is also available (preferred
on larger diameters.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com