Electronic Components Datasheet Search
  English  ▼

X  

NP Datasheet(PDF) 4 Page - MERITEK ELECTRONICS CORPORATION

Part # NP
Description  Standard non polarity series for using in polarity reversal circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NP Datasheet(HTML) 4 Page - MERITEK ELECTRONICS CORPORATION

  NP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Rev. 7a
NP Series
( Non Polarity, 85°C ) MERITEK
Aluminum Electrolytic Capacitors
DIMENSIONS (Ø12.5~ Ø18)
Item
Symbol
Case Size
Tolerance
Remark
12.5 x 20
12.5 x 25
12.5 x 30
16 x 25
16 x 31.5
16 x 35.5 18 x 35.5
Lead wire diameter
d
0.6
0.8
±0.05
Body height
A
21.5
26.5
31.5
26.5
33
37.0
37.0
MAX
Intervals of bodies
P
15.0
30.0
±1.0
Fig 5.
Fig 6.
Intervals of punched
holes
P0
15.0
±0.2
Distance between
holes and lead wire
P1
5.0
3.75
±0.7
Distance between
holes and bodies
P2
7.5
±1.0
Distance between
lead and lead
F
5.0
7.5
+0.8
-0.2
Base tape width
W
18.0
±0.5
Adhesive tape width
W0
15.0
MIN
Deviation between
holes and base tape
W1
9.0
±0.5
Deviation between
adhesive and base
tape
W2
1.5
MAX
Distance between
body bottom and tape
center
H
16.5
18.5
±0.5
Fig 5.
Fig 6.
Distance between
body top and tape
center
H1
40.5
45.5
50.5
46.5
53.5
56.5
56.5
MAX
Punched hole
diameter
D0
4.0
±0.3
Length of not good
lead slit
L
11.0
MAX
Base and adhesive
tape thickness
t
0.6
±0.3
Deviation of body
alignment
∆h
0
±2.0
Deviation of body
alignment
∆h1
0
±1.0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com