Electronic Components Datasheet Search
  English  ▼

X  

NP Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # NP
Description  Standard non polarity series for using in polarity reversal circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NP Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  NP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 7a
NP Series
( Non Polarity, 85°C ) MERITEK
Aluminum Electrolytic Capacitors
Item
Characteristic
Operating Temp Range
- 40 ~ +85
C
Rated Working Voltage
6.3 ~ 100VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.04CV+4 (uA)
I : Leakage Current (
A)
C : Rated Capacitance(
F)
*After 5 minutes
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
35
50
63
100
S.V.
8
13
20
32
44
63
79
125
Dissipation Factor ( tan
 )
(120Hz 20
C)
Add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
35
50
63
100
tan

0.24
0.20
0.17
0.15
0.12
0.12
0.12
0.12
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
35~100
-25
C / +20C
4
3
2
2
2
-40
C / +20C
10
8
6
4
3
Load Life
After 2000 hours application of W.V. and +85
C ripple current value , the capacitor shall meet
the following limits. ( DC + ripple peak voltage
 rated working voltage ) ( The polarity need to
exchange every 250 hours )
Capacitance Change
20% of initial value.
Dissipation Factor
 150% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +85
C no voltage application after 500 hours the capacitor shall meet the limits.
( with voltage treatment )
Capacitance Change
20% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 200% of initial specified value
D
5
6.3
8
10
12.5
16
18
F
2.0
2.5
3.5
5.0
5.0
7.5
7.5
d
0.5
0.5
0.6
0.6
0.6
0.8
0.8
a
1.5
1.5
1.5
1.5
1.5
1.5
1.5
FEATURES
 Standard non polarity series for using in polarity reversal circuits.
SPECIFICATIONS
PART NUMBER SYSTEM
DIMENSIONS (mm)
NP 10V 221 M TA 10x16
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros.
‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size
– (D) Diameter x (L) Length in mm (Optional)


Similar Description - NP

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
HC5520 HARRIS-HC5520 Datasheet
191Kb / 20P
CO/PABX Polarity Reversal Subscriber Line Interface Circuit
logo
Systemsensor advanced i...
RR2 SYSTEMSENSOR-RR2 Datasheet
220Kb / 2P
Polarity Reversal Relay Module
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Surge Components
TN SURGE-TN Datasheet
596Kb / 2P
suitable for use in circuits which have a reversed or unknown polarity
logo
Pasternack Enterprises,...
PE34750 PASTERNACK-PE34750 Datasheet
437Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity
PE34750-12 PASTERNACK-PE34750-12 Datasheet
433Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-18 PASTERNACK-PE34750-18 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750-48 PASTERNACK-PE34750-48 Datasheet
434Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
PE34750LF PASTERNACK-PE34750LF Datasheet
438Kb / 4P
Reverse Polarity SMA Male to Reverse Polarity SMA
logo
Thinki Semiconductor Co...
S20N-500JA THINKISEMI-S20N-500JA Datasheet
1Mb / 2P
210A Stud Type Negative Polarity Series-Standard Rectifier Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com