Electronic Components Datasheet Search
  English  ▼

X  

NP Datasheet(PDF) 6 Page - MERITEK ELECTRONICS CORPORATION

Part # NP
Description  Standard non polarity series for using in polarity reversal circuits
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NP Datasheet(HTML) 6 Page - MERITEK ELECTRONICS CORPORATION

  NP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Rev. 7a
NP Series
( Non Polarity, 85°C ) MERITEK
Aluminum Electrolytic Capacitors
SOLDERABILITY
Capacitor lead wire is dipping into the oven, and then, dipping in 245±3
℃, solder liquid for 3±0.5 seconds, the substance is above the
liquid solder 2mm, the dipping lead must be adherent 95% fresh tin at least.
RESISTANCE TO SOLDERING HEAT
Put capacitor lead wire to dip 260±5
℃ in solder liquor away the body 2mm, after 10±1 seconds taken out, after 2 hours in room
temperature, should do final measurements, the values are following:
(A) Capacitance change:
≦ ±10% of initial value
(B) Dissipation factor:
≦ initial specified value
(C) Leakage current:
≦ initial specified value
(D) Visual: No damage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com