Electronic Components Datasheet Search
  English  ▼

X  

NTS3 Datasheet(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

Part # NTS3
Description  Halogen-Free (HF) series are available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NTS3 Datasheet(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  NTS3 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev. 7
NTC Thermistor
Temperature Sensing/Compensation
Ф3 mm Lead Type
MERITEK
NTS3 Series
RoHS
Outer Kink
Quantity
Dimension
(Unit:mm)
P0
F
P
P1
H0
H1
d
W0
W1
W2
W
ΔP
Δh
L1
D0
T
±0.3
±1
±1
±0.7
±0.5
MAX
±0.02
±1
+0.75
/-0.5
MAX
+1/
-0.5
MAX
MAX
MAX
±0.2
±0.2
P0=12.7
12.7
2.54
12.7
5.08
16
26
0.5
12
9
3
18
1
2
0.5
4
0.6
Packaging
Quantity
Bulk
500pcs / bag
Tape / Reel
2500pcs / reel
Tape / Ammo
2500pcs / box



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com