Electronic Components Datasheet Search
  English  ▼

X  

NTS3 Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # NTS3
Description  Halogen-Free (HF) series are available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NTS3 Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  NTS3 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Rev. 7
NTC Thermistor
Temperature Sensing/Compensation
Ф3 mm Lead Type
MERITEK
NTS3 Series
RoHS
ELECTRICAL CHARACTERISTICS
Part No.
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B value
Max. Power
Dissipation
at 25°C
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
R25 (KΩ)
(±%)
(K)
(±%)
PMAX(mW)
δ(mW/°C)
τ (Sec.)
TL~TU(°C)
NTS3A901□39D*
0.9
±1%
±2%
±3%
±5%
25/85
3935
±2%
±3%
150
≥2.5
≤18
-40~+125
NTS3A102□39D*
1
3935
NTS3A152□39D*
1.5
3935
NTS3A202□39H*
2
3975
±1%
±2%
±3%
NTS3A222□39H*
2.2
3975
NTS3A272□39H*
2.7
3975
NTS3A302□39H*
3
3975
NTS3A332□39H*
3.3
3975
NTS3A472□39H*
4.7
3975
NTS3A482□395*
4.8
3950
NTS3A482□39H*
4.8
3975
NTS3A502□39H*
5
3975
NTS3A682□39H*
6.8
3975
NTS3A103□34D*
10
3435
NTS3A103□374*
10
3740
NTS3A103□39H*
10
3975
NTS3A123□374*
12
3740
NTS3A153□374*
15
3740
NTS3A203□374*
20
3740
±2%
±3%
NTS3A203□426*
20
4260
NTS3A223□374*
22
3740
NTS3A333□409*
33
4090
±1%
±2%
±3%
NTS3A473□409*
47
4090
NTS3A503□39H*
50
3975
NTS3A503□406*
50
4060
NTS3A683□419*
68
4190
±2%
±3%
NTS3A104□419*
100
4190
NTS3A104□436*
100
4360
NTS3A154□437*
150
4370
NTS3A204□385*
200
3850
NTS3A224□437*
220
4370
NTS3A334□457*
330
4570
NTS3A474□457*
470
4570
NTS3A474□520*
470
5200
±3%
NTS3B202□350*
2
25/50
3500
±2%/±3%
NTS3B473□39D*
47
3935
±1%/±2%/±3%
NTS3B503□440*
50
4400
±2%
±3%
NTS3B434□507*
430
5070
NTS3B474□520*
470
5200
±3%
Note 1: □ = Tolerance of R25
* = Tolerance of B value
Note 2: Special specifications are available upon request.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com