Electronic Components Datasheet Search
  English  ▼

X  

NTS3 Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # NTS3
Description  Halogen-Free (HF) series are available
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

NTS3 Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  NTS3 Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION NTS3 Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 7
NTC Thermistor
Temperature Sensing/Compensation
Ф3 mm Lead Type
MERITEK
NTS3 Series
RoHS
FEATURES
 RoHS compliant
 Halogen-Free (HF) series are available
 Radial lead resin coated
 Operating temperature range: -40°C~+125°C
 Wide resistance range
 Cost effective
 Agency recognition: UL
PART NUMBERING SYSTEM
NTS
3
A
901
F
39D
F
E
Meritek NTC Thermistor Product Series
Body Size: 3 = Ø3mm
Definition of B Value
Code
A
B
Type
B25/85
B25/50
Zero Power Resistance at 25°C (R25)
Code
901
203
474
Value
900
Ω
20K
Ω
470K
Ω
Tolerance of R25
Code
F
G
H
J
K
Value
±1%
±2%
±3%
±5%
±10%
B Value
Code
374
39D
395
39H
520
Value
3740
3935
3950
3975
5200
Tolerance of B value
Code
E
F
G
H
Value
±0.75%
±1%
±2%
±3%
Lead Wire Type
Code
E
P
L
Q
F
Type
Straight lead,
P
itch 2.54mm, Ф0.5mm
Straight lead,
P
itch 5mm, Ф0.5mm
Wider Kink,
P
itch 2.54mm, Ф0.5mm
Wider Kink,
P
itch 5mm, Ф0.5mm
Outer Kink,
P
itch 2.54mm, Ф0.5mm
DIMENSIONS
Lead
Type
Straight
Lead
Wider
Kink
Outer
Kink
P (±1)
2.54
5
2.54
5
2.54
DMAX
4
6.5
4
4
4
TMAX
3
5
3
3
3
HMAX
5
7
6
10
5
H1MAX
-
-
-
-
5.5
IMAX
3
3
-
-
3
L
30~40
24.5~34.5
d
0.5±0.02
E223037
(Unit: mm)


Similar Part No. - NTS3

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
NTS350 ASTEC-NTS350 Datasheet
345Kb / 2P
350 Watts
logo
Emerson Network Power
NTS350 EMERSON-NETWORKPOWER-NTS350 Datasheet
725Kb / 3P
Active power factor correction
logo
Artesyn Technologies
NTS350 ARTESYN-NTS350 Datasheet
891Kb / 5P
Single wire current sharing
logo
Astec America, Inc
NTS353 ASTEC-NTS353 Datasheet
345Kb / 2P
350 Watts
logo
Emerson Network Power
NTS353 EMERSON-NETWORKPOWER-NTS353 Datasheet
725Kb / 3P
Active power factor correction
More results

Similar Description - NTS3

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS3401 DINTEK-DTS3401 Datasheet
417Kb / 8P
Halogen-free Option Available
logo
Micro Commercial Compon...
MMBZ5248B-TP MCC-MMBZ5248B-TP Datasheet
242Kb / 5P
Halogen free available upon request by adding suffix "-HF"||" "520148
Ceramic Trimmer Capacitors Crystal oscillators Han
S3MB-TP MCC-S3MB-TP Datasheet
715Kb / 3P
Halogen free available upon request by adding suffix "-HF"||" "520150
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffi
SK310AFL-TP MCC-SK310AFL-TP Datasheet
391Kb / 4P
Features Halogen free available upon request by adding suffix "-HF"||" "573570
Voltage-Controlled Oscillator Surface Mount Module
US1JFL-TP MCC-US1JFL-TP Datasheet
356Kb / 4P
Features Halogen free available upon request by adding suffix "-HF"||" "573588
PHASE LOCKED LOOP
DFLZ18-TP MCC-DFLZ18-TP Datasheet
341Kb / 4P
Halogen free available upon request by adding suffix -HF
logo
List of Unclassifed Man...
RB551V-30-TP ETC2-RB551V-30-TP Datasheet
197Kb / 2P
Halogen free available upon request by adding suffix "-HF"||" "585661
Current-compensated Chokes
ESD12VD5-TP ETC2-ESD12VD5-TP Datasheet
312Kb / 3P
Halogen free available upon request by adding suffix "-HF"||" "586347
PAINTED TEXTURED GRAY RAL 7035
BAV21WS-TP ETC2-BAV21WS-TP Datasheet
273Kb / 4P
Halogen free available upon request by adding suffix "-HF"||" "586709
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Shanghai Leiditech Elec...
MBR0550 LEIDITECH-MBR0550 Datasheet
381Kb / 2P
Halogen free available upon request by adding suffix "-HF"||" "1294391
MMIC VCO w/ HALF FREQUENCY OUTPUT 7.8 - 8.8 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com