Electronic Components Datasheet Search
  English  ▼

X  

MAX1295ACEI Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1295ACEI
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1295ACEI Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1295ACEI Datasheet HTML 9Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 10Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 11Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 12Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 13Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 14Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 15Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 16Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
______________________________________________________________________________________
13
External Clock Mode
To select the external clock mode, bits D6 and D7 of
the control byte must be set to zero. Figure 6 shows the
clock and WR timing relationship for internal (Figure 6a)
and external (Figure 6b) acquisition modes with an
external clock. For proper operation, a 100kHz to
4.8MHz clock frequency with 30% to 70% duty cycle is
recommended. Operating the MAX1295/MAX1297 with
clock frequencies lower than 100kHz is not recommend-
ed because the resulting voltage droop across the hold
capacitor in the T/H stage will degrade performance.
Digital Interface
The input and output data are multiplexed on a three-
state parallel interface (I/O) that can easily be inter-
faced with standard µPs. The signals CS, WR, and RD
control the write and read operations. CS represents
Figure 6a. External Clock and WR Timing (Internal Acquisition Mode)
Figure 6b. External Clock and WR Timing (External Acquisition Mode)
WR
CLK
CLK
WR
WR GOES HIGH WHEN CLK IS HIGH.
WR GOES HIGH WHEN CLK IS LOW.
tCWS
tCH
tCL
tCP
tCWH
ACQUISITION STARTS
ACQUISITION STARTS
CONVERSION STARTS
CONVERSION STARTS
ACQUISITION ENDS
ACQUISITION ENDS
ACQMOD = "0"
ACQMOD = "0"
WR
CLK
CLK
WR
WR GOES HIGH WHEN CLK IS HIGH
WR GOES HIGH WHEN CLK IS LOW
tDH
tDH
tCWH
tCWS
ACQUISITION STARTS
ACQUISITION STARTS
CONVERSION STARTS
CONVERSION STARTS
ACQUISITION ENDS
ACQUISITION ENDS
ACQMOD = "1"
ACQMOD = "1"
ACQMOD = "0"
ACQMOD = "0"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com