Electronic Components Datasheet Search
  English  ▼

X  

MAX1295ACEI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1295ACEI
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1295ACEI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1295ACEI Datasheet HTML 1Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 2Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 3Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 4Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 5Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 6Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 7Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 8Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V, COM = GND, REFADJ = VDD, VREF = +2.5V, 4.7µF capacitor at REF pin, fCLK = 4.8MHz (50% duty cycle),
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CH0–CH5, COM to GND ............................-0.3V to (VDD + 0.3V)
REF, REFADJ to GND.................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
Digital Outputs (D0–D11, INT) to GND.......-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
24-Pin QSOP (derate 9.5mW/°C above +70°C)..........762mW
28-Pin QSOP (derate 8.00mW/°C above +70°C)........667mW
Operating Temperature Ranges
MAX1295_C_ _ /MAX1297_C_ _ ........................0°C to +70°C
MAX1295_E_ _ /MAX1297_E_ _ ......................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
External acquisition or external clock mode
Internal acquisition/internal clock mode
MAX129_A
External acquisition/internal clock mode
External clock mode
-3dB rolloff
SINAD > 68dB
fIN = 125kHz (Note 4)
fIN1 = 49kHz, fIN2 = 52kHz
MAX129_B
No missing codes over temperature
CONDITIONS
ns
50
Aperture Delay
ns
625
tACQ
Track/Hold Acquisition Time
3.2
3.6
4.1
2.5
3.0
3.5
µs
3.3
tCONV
Conversion Time (Note 5)
MHz
3
Full-Power Bandwidth
kHz
250
Full-Linear Bandwidth
dB
-78
Channel-to-Channel Crosstalk
dB
76
IMD
Intermodulation Distortion
dB
80
SFDR
Spurious-Free Dynamic Range
dB
Total Harmonic Distortion
(including 5th-order harmonic)
-78
THD
±0.5
INL
Relative Accuracy (Note 2)
Bits
12
RES
Resolution
dB
67
70
SINAD
Signal-to-Noise Plus Distortion
LSB
±0.2
Channel-to-Channel Offset
Matching
ppm/°C
±2.0
Gain Temperature Coefficient
LSB
±1
LSB
±1
DNL
Differential Nonlinearity
LSB
±4
Offset Error
LSB
±4
Gain Error (Note 3)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Internal acquisition/internal clock mode
External acquisition or external clock mode
<200
ps
<50
Aperture Jitter
MHz
0.1
4.8
fCLK
External Clock Frequency
%
30
70
Duty Cycle
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN(sine-wave) = 50kHz, VIN = 2.5Vp-p, 265ksps, external fCLK = 4.8MHz, bipolar input mode)
CONVERSION RATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20