Electronic Components Datasheet Search
  English  ▼

X  

MAX1295ACEI Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX1295ACEI
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1295ACEI Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX1295ACEI Datasheet HTML 12Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 13Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 14Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 15Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 16Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 17Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 18Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 19Page - Maxim Integrated Products MAX1295ACEI Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
18
______________________________________________________________________________________
Typical Operating Circuits
VDD
REF
REFADJ
INT
CH5
CH4
CH3
CH2
CH1
CH0
COM
GND
4.7
µF
0.1
µF
+3V
+2.5V
OUTPUT STATUS
µP
CONTROL
INPUTS
CLK
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
µP DATA BUS
D8
D9
D10
D11
ANALOG
INPUTS
MAX1295
VDD
REF
REFADJ
INT
CH1
CH0
COM
GND
4.7
µF
0.1
µF
+3V
+2.5V
OUTPUT STATUS
µP
CONTROL
INPUTS
CLK
CS
WR
RD
D7
D6
D5
D4
D3
D2
D1
D0
µP DATA BUS
D8
D9
D10
D11
ANALOG
INPUTS
MAX1297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com