Electronic Components Datasheet Search
  English  ▼

X  

SNT Datasheet(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION

Part # SNT
Description  EIA size 0402, 0603, 0805, 1206
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SNT Datasheet(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION

Back Button SNT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Rev. 7
NTC Thermistors
(SMD Type)
MERITEK
SNT Series
RoHS
RELIABILITY
Item
Standard
Test conditions / Methods
Specifications
Bending Strength
IEC 60068-2-21
Warp : 2mm for 0402,0603 and 0805
1mm for 0201
Speed < 0.5mm/sec.
Duration: 10 sec. on PCB
No Visible Damage
|
ΔR25/R25| ≤ 5%
Solderability
IEC 60068-2-58
245 ± 5°C, 3 ± 0.3 sec.
At least 95% of
terminal electrode is
covered by new solder
Resistance to
Soldering Heat
IEC 60068-2-58
260 ± 5°C, 10 ± 1 sec.
No Visible Damage
|
ΔR25/R25| ≤ 3%
High Temperature
Storage
IEC 60068-2-2
125 ± 5°C, 1000 ± 24 hrs
No Visible Damage
|
ΔR25/R25| ≤ 5%
Damp Heat,
Steady State
IEC 60068-2-78
40 ± 2°C, 90~95% RH, 1000 ± 24 hrs
No Visible Damage
|
ΔR25/R25| ≤ 3%
Rapid Change of
Temperature
IEC 60068-2-14
The conditions shown below shall be repeated 5 cycles on
PCB.
Step
Temperature (°C)
Duration (minutes)
1
-40 ± 5
30 ± 3
2
Room Temperature
5 ± 3
3
125 ± 5
30 ± 3
4
Room Temperature
5 ± 3
No Visible Damage
|
ΔR25/R25| ≤ 3%
Max. Power
Dissipation
IEC 60539-1
25 ± 5°C, PMAX, 1000 ± 24 hrs
No Visible Damage
|
ΔR25/R25| ≤ 5%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com