Electronic Components Datasheet Search
  English  ▼

X  

SNT Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SNT
Description  EIA size 0402, 0603, 0805, 1206
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SNT Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SNT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev. 7
NTC Thermistors
(SMD Type)
MERITEK
SNT Series
RoHS
ELECTRICAL CHARACTERISTICS
Part Number
Size
Zero Power
Resistance
at 25°C
Tolerance
of
R25
B
Value
Tolerance
of
B value
Max. Power
Dissipation
at 25
℃
.
Dissipation
Factor
Thermal
Time
Constant
Operating
Temperature
Range
R25 (KΩ)
( ±%)
(K)
(±%)
PMAX (mW)
δ (mW/°C)
ԏ (Sec.)
TL~TU(°C)
SNT01B103
□338*
0201
10
1, 2, 3,
5, 10
25/50
3380
F, G, H
140
Approx.
1.4
Approx.
1.2
-40 ~ +125
SNT01B683
□425*
68
4250
4250
SNT01B104
□425*
100
SNT02A103
□34D*
0402
10
1, 2, 3,
5, 10
25/85
3435
F, G, H
170
Approx.
1.7
Approx.
2.0
-40 ~ +125
SNT02A103
□395*
10
3950
SNT02A223
□395*
22
3950
SNT02A333
□405*
33
4050
SNT02A683
□410*
68
4100
SNT02A104
□405*
100
4050
SNT02A104
□436*
100
4360
SNT02B103
□338*
10
25/50
3380
SNT02B473
□405*
47
4050
SNT02B104
□354*
100
3540
SNT02B104
□480*
100
4800
SNT02B224
□470*
220
4700
4700
SNT02B474
□470*
470
5, 10
H
SNT03A202
□340*
0603
2
1, 2,
3, 5, 10
25/85
3400
F, G, H
210
Approx.
2.1
Approx.
3.1
-40~+125
SNT03A472
□34D*
4.7
3435
SNT03A472
□370*
4.7
3700
SNT03A502
□34D*
5
3435
SNT03A502
□385*
5
3850
SNT03A682
□34D*
6.8
3435
SNT03A682
□395*
6.8
3950
SNT03A103
□34D*
10
3435
SNT03A103
□39H*
10
3975
SNT03A103
□430*
10
5, 10
4300
H
SNT03A223
□392*
22
1, 2,
3, 5, 10
3920
F, G, H
SNT03A473
□39H*
47
3975
SNT03A683
□39H*
68
3975
SNT03A104
□405*
100
4050
SNT03A104
□436*
100
4360
SNT03A154
□406*
150
4060
SNT03A204
□410*
200
4100
SNT03A474
□415*
470
4150
SNT03B221
□350*
0.22
5, 10
25/50
3500
H
SNT03B222
□395*
2.2
3950
SNT03B472
□425*
4.7
4250
SNT03B103
□338*
10
1, 2, 3,
5, 10
3380
F, G, H
SNT03B103
□420*
10
4200
SNT03B104
□355*
100
3550
4600
SNT03B224
□460*
220
SNT05A502
□34D*
0805
5
1, 2, 3,
5, 10
25/85
3435
F, G, H
240
Approx.
2.4
Approx.
5.4
-40~+125
SNT05A103
□34D*
10
3435
SNT05A103
□395*
10
3950
SNT05A473
□39H*
47
3975
SNT05A104
□405*
100
4050
SNT05A684
□450*
680
5, 10
4500
H
Note 1:
□ = Tolerance of R
25
* = Tolerance of B value
Note 2: Special specifications are available upon request



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com