Electronic Components Datasheet Search
  English  ▼

X  

SNT Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # SNT
Description  EIA size 0402, 0603, 0805, 1206
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SNT Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  SNT Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION SNT Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev. 7
NTC Thermistors
(SMD Type)
MERITEK
SNT Series
RoHS
FEATURES
 EIA size 0402, 0603, 0805, 1206
 Highly reliable monolithic structure
 Wide resistance range
 Cost effective
 Agency recognition: UL
PART NUMBERING SYSTEM
SNT
01
A
901
F
39D
F
Meritek NTC Thermistor Product Series
EIA Size
Code
01
02
03
05
06
Size
0201
0402
0603
0805
1206
Definition of B Value
Code
A
B
Type
B25/85
B25/50
Zero Power Resistance at 25°C (R25)
Code
901
203
474
Value
900
Ω
20K
Ω
470K
Ω
Tolerance of R25
Code
F
G
H
J
K
Value
±1%
±2%
±3%
±5%
±10%
B Value
Code
374
39D
395
39H
520
Value
3740
3935
3950
3975
5200
Tolerance of B value
Code
F
G
H
Value
±1%
±2%
±3%
DIMENSIONS
Part No.
Size
L1
W
H max.
L2 & L3
SNT01
0201
0.60±0.05
0.30±0.05
0.35
0.15±0.05
SNT02
0402
1.00±0.15
0.50±0.10
0.60
0.20±0.10
SNT03
0603
1.60±0.15
0.80±0.15
0.95
0.40±0.15
SNT05
0805
2.00±0.20
1.25±0.20
1.00
0.40±0.20
UL E223037
Unit: mm


Similar Part No. - SNT

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
SNT-100-BK-G SAMTEC-SNT-100-BK-G Datasheet
62Kb / 1P
.100 [2.54] C.L. SHUNT ASSEMBLY
logo
Texas Instruments
SNT-100-BK-G TI-SNT-100-BK-G Datasheet
1Mb / 14P
LM60440AQEVM Users Guide
February 2020
SNT-100-BK-G-H TI1-SNT-100-BK-G-H Datasheet
623Kb / 31P
ADS1131REF and ADS1231REF
SNT-100-BK-G-H TI1-SNT-100-BK-G-H Datasheet
2Mb / 48P
Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Samtec, Inc
SNT-100-BK-H SAMTEC-SNT-100-BK-H Datasheet
655Kb / 1P
SHUNTS JUMPERS
More results

Similar Description - SNT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERA2A PANASONIC-ERA2A Datasheet
67Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-2AEB5232X PANASONIC-ERA-2AEB5232X Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB203V PANASONIC-ERA-3AEB203V Datasheet
67Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB681V PANASONIC-ERA-3AEB681V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AEB2873V PANASONIC-ERA-3AEB2873V Datasheet
80Kb / 2P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
ERA-3AHD100V PANASONIC-ERA-3AHD100V Datasheet
86Kb / 3P
Metal Film (Thin Film) Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
05-Jun-13
logo
Panasonic Semiconductor
ERA8AEB124V PANASONIC-ERA8AEB124V Datasheet
187Kb / 4P
Metal Film Chip Resistors, High Reliability Type 0402, 0603, 0805, 1206
logo
Vishay Siliconix
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
21-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com