Electronic Components Datasheet Search
  English  ▼

X  

MAX1449 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1449
Description  10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1449 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1449 Datasheet HTML 9Page - Maxim Integrated Products MAX1449 Datasheet HTML 10Page - Maxim Integrated Products MAX1449 Datasheet HTML 11Page - Maxim Integrated Products MAX1449 Datasheet HTML 12Page - Maxim Integrated Products MAX1449 Datasheet HTML 13Page - Maxim Integrated Products MAX1449 Datasheet HTML 14Page - Maxim Integrated Products MAX1449 Datasheet HTML 15Page - Maxim Integrated Products MAX1449 Datasheet HTML 16Page - Maxim Integrated Products MAX1449 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
10-Bit, 105Msps, Single +3.3V, Low-Power
ADC with Internal Reference
______________________________________________________________________________________
13
Using Transformer Coupling
An RF transformer (Figure 8) provides an excellent
solution to convert a single-ended source signal to a
fully differential signal, required by the MAX1449 for
optimum performance. Connecting the center tap of the
transformer to COM provides a VDD/2 DC level shift to
the input. Although a 1:1 transformer is shown, a step-
up transformer may be selected to reduce the drive
requirements. A reduced signal swing from the input
driver, such as an op amp, may also improve the over-
all distortion.
In general, the MAX1449 provides better SFDR and
THD with fully differential input signals than single-
ended drive, especially for very high input frequencies.
In differential input mode, even-order harmonics are
lower as both inputs (IN+, IN-) are balanced, and each
of the inputs only requires half the signal swing com-
pared to single-ended mode.
Single-Ended AC-Coupled Input Signal
Figure 9 shows an AC-coupled, single-ended applica-
tion. The MAX4108 op amp provides high speed, high
bandwidth, low-noise, and low-distortion to maintain the
integrity of the input signal.
Grounding, Bypassing
and Board Layout
The MAX1449 requires high-speed board layout design
techniques. Locate all bypass capacitors as close to
the device as possible, preferably on the same side as
the ADC, using surface mount devices for minimum
inductance. Bypass VDD, REFP, REFN, and COM with
two parallel 0.1µF ceramic capacitors and a 2.2µF
bipolar capacitor to GND. Follow the same rules to
bypass the digital supply (OVDD) to OGND. Multi-layer
boards with separated ground and power planes pro-
duce the highest level of signal integrity. Consider
OUTPUT
DATA D9–D0
OE
tDISABLE
tENABLE
HIGH-Z
HIGH-Z
VALID DATA
Figure 5. Output Enable Timing
N - 6
N
N - 5
N + 1
N - 4
N + 2
N - 3
N + 3
N - 2
N + 4
N - 1
N + 5
N
N + 6
N + 1
5.5 CLOCK-CYCLE LATENCY
ANALOG INPUT
CLOCK INPUT
DATA OUTPUT
tD0
tCH
tCL
Figure 6. System and Output Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com