Electronic Components Datasheet Search
  English  ▼

X  

MAX1449 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX1449
Description  10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1449 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX1449 Datasheet HTML 10Page - Maxim Integrated Products MAX1449 Datasheet HTML 11Page - Maxim Integrated Products MAX1449 Datasheet HTML 12Page - Maxim Integrated Products MAX1449 Datasheet HTML 13Page - Maxim Integrated Products MAX1449 Datasheet HTML 14Page - Maxim Integrated Products MAX1449 Datasheet HTML 15Page - Maxim Integrated Products MAX1449 Datasheet HTML 16Page - Maxim Integrated Products MAX1449 Datasheet HTML 17Page - Maxim Integrated Products MAX1449 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
10-Bit, 105Msps, Single +3.3V, Low-Power
ADC with Internal Reference
16
______________________________________________________________________________________
Total Harmonic Distortion (THD)
THD is typically the ratio of the RMS sum of the first five
harmonics of the input signal to the fundamental itself.
This is expressed as:
where V1 is the fundamental amplitude, and V2 through
V5 are the amplitudes of the 2nd- through 5th-order
harmonics.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio expressed in decibels of the RMS
amplitude of the fundamental (maximum signal compo-
nent) to the RMS value of the next largest spurious
component, excluding DC offset.
Intermodulation Distortion (IMD)
The two-tone IMD is the ratio expressed in decibels of
either input tone to the worst 3rd-order (or higher) inter-
modulation products. The individual input tone levels
are at -6.5dB full scale and their envelope is at -0.5dB
full scale.
THD
VVVV
V
=×
+++


20
2
2
3
2
4
2
5
2
1
log
()
HOLD
ANALOG
INPUT
SAMPLED
DATA (T/H)
T/H
tAD
tAJ
TRACK
TRACK
CLK
Figure 10. T/H Aperture Timing
Pin Configuration
Chip Information
TRANSISTOR COUNT: 5684
PROCESS: CMOS
MAX1449
TQFP
TOP VIEW
32
28
29
30
31
25
26
27
10
13
15
14
16
11
12
9
17
18
19
20
21
22
23 OGND
24 D4
T.P.
OVDD
D5
D6
D7
D8
2
3
4
5
6
7
8
GND
IN-
IN+
GND
GND
VDD
COM
1
REFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com