Electronic Components Datasheet Search
  English  ▼

X  

MAX1449 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1449
Description  10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1449 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1449 Datasheet HTML 1Page - Maxim Integrated Products MAX1449 Datasheet HTML 2Page - Maxim Integrated Products MAX1449 Datasheet HTML 3Page - Maxim Integrated Products MAX1449 Datasheet HTML 4Page - Maxim Integrated Products MAX1449 Datasheet HTML 5Page - Maxim Integrated Products MAX1449 Datasheet HTML 6Page - Maxim Integrated Products MAX1449 Datasheet HTML 7Page - Maxim Integrated Products MAX1449 Datasheet HTML 8Page - Maxim Integrated Products MAX1449 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
10-Bit, 105Msps, Single +3.3V, Low-Power
ADC with Internal Reference
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +3.3V, OVDD = +2.0V; 0.1µF and 1.0µF capacitors from REFP, REFN, and COM to GND; VREFIN = +2.048V, REFOUT
connected to REFIN through a 10k
Ω resistor, VIN = 2Vp-p (differential with respect to COM), CL ≈ 10pF at digital outputs, fCLK =
105MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD, OVDD to GND ...............................................-0.3V to +3.6V
OGND to GND.......................................................-0.3V to +0.3V
IN+, IN- to GND........................................................-0.3V to VDD
REFIN, REFOUT, REFP,
REFN, and COM to GND..........................-0.3V to (VDD + 0.3V)
OE, PD, CLK to GND..................................-0.3V to (VDD + 0.3V)
D9–D0 to GND.........................................-0.3V to (OVDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFP (derate 11.1mW/°C above +70°C)...........889mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range ............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY
Resolution
10
Bits
Integral Nonlinearity
INL
fIN = 7.5MHz
±0.75
±2.4
LSB
Differential Nonlinearity
DNL
fIN = 7.5MHz, no missing codes guaranteed
±0.5
±1.0
LSB
Offset Error
<
±1
±1.7
% FS
Gain Error
0
±2% FS
ANALOG INPUT
Input Differential Range
VDIFF
Differential or single-ended inputs
±1.0
V
Common-Mode
Voltage Range
VCOM
VDD/2
± 0.5
V
Input Resistance
RIN
Switched capacitor load
20
k
Ω
Input Capacitance
CIN
5pF
CONVERSION RATE
Maximum Clock Frequency
fCLK
105
MHz
Data Latency
5.5
Cycles
DYNAMIC CHARACTERISTICS (fCLK = 105.26MHz, 4096-point FFT)
fIN = 7.5MHz
56.3
58.5
fIN = 20MHz
55.8
58.5
dB
Signal-To-Noise Ratio
(Note 1)
SNR
fIN = 50MHz
58
fIN = 7.5MHz
55.3
58.2
fIN = 20MHz
55.1
58.1
dB
Signal-To-Noise And Distortion
(Up to 5
th Harmonic) (Note 1)
SINAD
fIN = 50MHz
57.6
fIN = 7.5MHz
61
72
fIN = 20MHz, TA = +25
°C
63
72
dBc
Spurious-Free Dynamic
Range (Note 1)
SFDR
fIN = 50MHz
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com