Electronic Components Datasheet Search
  English  ▼

X  

WL Datasheet(PDF) 11 Page - MERITEK ELECTRONICS CORPORATION

Part # WL
Description  Very strong solderability by flow soldering, soldering iron or wave soldering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

WL Datasheet(HTML) 11 Page - MERITEK ELECTRONICS CORPORATION

Back Button WL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MCB08 Series
Wire Wound Chip Inductor
MERITEK
WL Series
RoHS
WL1008 Wire Wound Chip Inductors (Ferrite / Open Type) / Large Current Type
Codes
Inductance
(μH)
Tolerance
Q
typ.
Test Freq.
(MHz)
SRF
(MHz)min.
DCR
(Ω)max.
IDC
(mA)max.
Color Code
1st
2nd
3rd
R22
0.22
±5, ±10%
35
25.2
800
0.15
2600
Red
Red
Brown
R47
0.47
±5, ±10%
35
25.2
460
0.20
2400
Yellow
Violet
Brown
R68
0.68
±5, ±10%
35
25.2
400
0.30
2200
Blue
Gray
Brown
R82
0.82
±5, ±10%
35
25.2
360
0.35
1800
Gray
Red
Brown
1R0
1.0
±5, ±10%
22
7.96
245
0.35
800
Brown
Black
Red
1R2
1.2
±5, ±10%
25
7.96
230
0.40
550
Brown
Red
Red
1R5
1.5
±5, ±10%
25
7.96
182
0.45
550
Brown
Green
Red
1R8
1.8
±5, ±10%
25
7.96
135
0.55
550
Brown
Gray
Red
2R2
2.2
±5, ±10%
22
7.96
105
0.60
500
Red
Red
Red
2R7
2.7
±5, ±10%
25
7.96
70
0.70
500
Red
Violet
Red
3R3
3.3
±5, ±10%
22
7.96
55
0.75
450
Orange
Orange
Red
3R9
3.9
±5, ±10%
25
7.96
50
0.80
450
Orange
White
Red
4R7
4.7
±5, ±10%
22
7.96
45
0.90
400
Yellow
Violet
Red
5R6
5.6
±5, ±10%
22
7.96
42
1.05
400
Green
Blue
Red
6R8
6.8
±5, ±10%
22
7.96
40
1.05
400
Blue
Gray
Red
8R2
8.2
±5, ±10%
22
7.96
36
1.30
350
Gray
Red
Red
100
10
±5, ±10%
20
2.52
35
1.55
300
Brown
Black
Orange
120
12
±5, ±10%
20
2.52
30
2.10
280
Brown
Red
Orange
150
15
±5, ±10%
20
2.52
24
2.38
250
Brown
Green
Orange
180
18
±5, ±10%
20
2.52
20
2.60
200
Brown
Gray
Orange
220
22
±5, ±10%
20
2.52
18
2.92
200
Red
Red
Orange
330
33
±5, ±10%
20
2.52
16
4.10
180
Orange
Orange
Orange
470
47
±5, ±10%
23
2.52
17
7.80
350
Yellow
Violet
Orange
101
100
±5, ±10%
13
1
4
13.2
200
Brown
Black
Yellow
221
220
±5, ±10%
13
1
3
26.5
140
Red
Red
Yellow
331
330
±5, ±10%
13
1
2
32.5
110
Orange
Orange
Yellow
WL1210 Wire Wound Chip Inductors (Ferrite / Molding Type) / Large Current Type
Codes
Inductance
(μH)
Tolerance
Q
min.
Test Freq.
(MHz)
SRF
(MHz) min.
DCR
(Ω) max.
IDC
(mA) max.
1R0
1.0
±20%
10
7.96
100
0.156
770
1R5
1.5
±20%
10
7.96
80
0.195
580
2R2
2.2
±20%
10
7.96
65
0.260
480
3R3
3.3
±20%
10
7.96
55
0.325
400
4R7
4.7
±20%
10
7.96
45
0.520
320
6R8
6.8
±20%
10
7.96
35
0.650
280
100
10
±10%
15
2.52
28
1.105
220
150
15
±10%
15
2.52
25
1.690
180
220
22
±10%
15
2.52
20
2.600
145
270
27
±10%
15
2.52
17
3.000
125
330
33
±10%
15
2.52
15
3.640
115
470
47
±10%
20
2.52
13
5.460
105
680
68
±10%
20
2.52
10
8.450
85
820
82
±10%
20
2.52
9
8.710
80
101
100
±10%
20
0.796
8
10.140
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com