Electronic Components Datasheet Search
  English  ▼

X  

WL Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # WL
Description  Very strong solderability by flow soldering, soldering iron or wave soldering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

WL Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  WL Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
MCB08 Series
Wire Wound Chip Inductor
MERITEK
WL Series
RoHS
ELECTRICAL SPECIFICATIONS (STANDARD TYPE)
WL0603 Wire Wound Chip Inductors (Ferrite / Open Type) / Standard Type
Codes
Inductance
(μH)
Tolerance
Q
typ.
Test Freq.
(MHz)
SRF
(MHz) typ.
DCR
(Ω) max.
IDC
(mA) max.
Color
Code
1R0
1.0
±10, ±20%
16
7.96
390
0.416
860
Black
1R5
1.5
±10, ±20%
16
7.96
160
0.520
720
Brown
1R8
1.8
±10, ±20%
16
7.96
121
0.559
640
Red
2R2
2.2
±10, ±20%
16
7.96
103
0.728
600
Orange
2R7
2.7
±10, ±20%
16
7.96
72
0.806
540
Yellow
3R3
3.3
±10, ±20%
16
7.96
66
0.910
500
Green
3R9
3.9
±10, ±20%
16
7.96
61
1.079
460
Blue
4R7
4.7
±10, ±20%
16
7.96
51
1.261
400
Violet
5R6
5.6
±10, ±20%
16
7.96
47
1.430
380
Gray
6R8
6.8
±10, ±20%
16
7.96
43
1.950
340
White
8R2
8.2
±10, ±20%
16
7.96
40
2.184
300
Black
100
10
±10, ±20%
14
2.52
36
2.405
280
Brown
120
12
±10, ±20%
14
2.52
32
2.964
260
Red
150
15
±10, ±20%
14
2.52
29
3.380
240
Orange
180
18
±10, ±20%
14
2.52
28
3.770
220
Yellow
220
22
±10, ±20%
14
2.52
24
4.693
200
Green
270
27
±10, ±20%
14
2.52
20
6.760
140
Blue
330
33
±10, ±20%
14
2.52
15
8.580
120
Violet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com