Electronic Components Datasheet Search
  English  ▼

X  

WL Datasheet(PDF) 14 Page - MERITEK ELECTRONICS CORPORATION

Part # WL
Description  Very strong solderability by flow soldering, soldering iron or wave soldering
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

WL Datasheet(HTML) 14 Page - MERITEK ELECTRONICS CORPORATION

Back Button WL Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 9Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 10Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 11Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 12Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 13Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 14Page - MERITEK ELECTRONICS CORPORATION WL Datasheet HTML 15Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
MCB08 Series
Wire Wound Chip Inductor
MERITEK
WL Series
RoHS
ENVIRONMENTAL CHARACTERISTICS
Electrical Performance Test
Item
Requirement
Test Method
Inductance
Refer to standard electrical
characteristic spec.
HP4291 or HP4284
Q
HP4291 or HP4284
SRF
HP4291
DC Resistance DCR
Agilent 34401A
Rated Current IDC
Applied the current to coils, The inductance change should be
less than 10% to initial value
Mechanical Performance Test
Item
Requirement
Test Method
Solderability
The electrodes shall be at least
90% covered with new solder
coating
Lead-free inductor: after fluxing(alpha 100 or equity), inductor
shall be dipped in a melted solder bath at 245±5°C, 5±0.5
seconds
Resistance to Soldering
Heat
Appearance: No damage
Pre-heating: 150°C, 1min.
Solder Temperature: 260±5°C
Immersion Time: 10±1 seconds
Vibration
Appearance: No damage
L change: within±10% Q
change: within±30% DCR:
within specification
Test device shall be soldered on the substrate Oscillation
Frequency: 10 to 55 to 10Hz for 1 min.
Amplitude: 1.5 mm
Time: 2 hrs for each axis (X, Y&Z), total 6 hrs
Climatic Test
Item
Requirement
Test Method
Temperature Cycle
Appearance: No damage
L change: within±10%
Q change: within±30%
DCR: within specification
One cycle:
Step
Temperature (°C)
Time (min.)
1
-25±3
30
2
25±2
3
3
85±3
30
4
25±2
3
Total: 100 cycles
Measured after exposure in the room condition for 24 hrs
Damp Heat with Load
Temperature: 40±2°C
Relative Humidity: 90 ~ 95%
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
High Temperature
Storage
Temperature: 85±3°C
Applied Current: Rated Current
Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Low Temperature
Storage
Temperature: -25±3°C Time: 1000 hrs
Measured after exposure in the room condition for 24 hrs
Storage Temperature: 25±3°C; Humidity < 80%RH
Operating Temperature Range: -40~+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com